Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC424 Datasheet(PDF) 10 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC424
Description  Serial Triple Incremental Encoder Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC424 Datasheet(HTML) 10 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC424 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TMC424 Datasheet – (V1.04 / 2015-JUL-01)
10/21
Copyright © 2011 TRINAMIC Motion Control GmbH & Co. KG
3.2 Application Examples
3.2.1 Application with TMC6x Stepper Motor Driver
This example illustrates the encoder connection and the use of reference switches with the TMC424
and additionally the SPI interface connections between TMC424, TMC429 and a microcontroller. The
communication to the drivers (e.g. TMC260) is performed via SPI by the TMC429 motion control chip.
On some package variants of the TMC429, the REFR pins are available. Those should be preferred to
the STOPR/STOPL inputs of the TMC424's multiplexer.
TMC429
CLK
REF1
REF2
REF3
SDI_C
SCK_C
SDO_C
nSCS_C
V5
V33
Test
GND
SDI_S
SCK_S
SDO_S
nSCS_S
Notes:
1. If the NSCS429 pin is not in use it has to be tied to +3.3V
2. NSCS_D activates the reference switches (inputs
STOPRx/STOPLx and outputs REFx).
TMC424
CLK
RESET
ENC1_A
ENC1_B
ENC1_N
ENC2_A
ENC2_B
ENC2_N
ENC3_A
ENC3_B
ENC3_N
REF1
REF2
REF3
SDI
SCK
SDO
NSCS
SDO429
NSCS429
VCC
VCORE
SDI_D
SCK_D
NSCS_D
STOPR0 - STOPR2
STOPL0 - STOPL2
TRST
TMS
GND
TCK
TDI
GND
+1.5V
+3.3V
16MHz
+3.3V
10k each
16MHz
µC
+3.3V
GND
SPI
to
Drivers
470nF
+3.3V
10k
6x Reference Switch
Inputs (active high)
from nSCS_S
of TMC429
to nSCS_D
of TMC424
Figure 4: Example for Application with TMC26x Stepper Motor Driver
3.2.2 Application with Step/Direction Power Stage
Additionally to the previous example the use of the TMC424 as step/direction converter is shown. This
can be used with the TMC429 as a drop-in replacement for the TMC428. The reference switches can
also be used as above.
TMC429
SCK_C
SDI_C
SDO_C
nSCS_C
SDO_S
SCK_S
SDI_S
nSCS_S
CLK
V5
V33
Test
GND
Note:
If the NSCS429 pin is not in use, it has to be tied to +3.3V
GND
+1.5V
+3.3V
+3.3V
10k
16MHz
+3.3V
10k each
16MHz
+3.3V
GND
GND
TMC424
CLK
RESET
ENC1_A
ENC1_B
ENC1_N
ENC2_A
ENC2_B
ENC2_N
ENC3_A
ENC3_B
ENC3_N
NSCS
SDO
SCK
SDI
SDO429
NSCS429
SDI_D
SCK_D
SDO_D
NSCS_D
STEP1
DIR1
STEP2
DIR2
STEP3
DIR3
VCC
VCORE
SDI_D
SCK_D
TRST
TMS
STOPR0 - STOPR2
STOPL0 - STOPL2
GND
TCK
TDI
µC
Step/DIR
to
Drivers
470nF
Figure 5: Example for Application with Step/Direction


Similar Part No. - TMC424

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC4210+2660-EVAL TRINAMIC-TMC4210+2660-EVAL Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC4210-I TRINAMIC-TMC4210-I Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
More results

Similar Description - TMC424

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
logo
List of Unclassifed Man...
PE12316 ETC-PE12316 Datasheet
1Mb / 29P
Triple Incremental Encoder
logo
TRINAMIC Motion Control...
TMC4330A TRINAMIC-TMC4330A Datasheet
3Mb / 166P
Encoder interface for incremental or serial encoders.
logo
Texas Instruments
THCT12016 TI-THCT12016 Datasheet
1Mb / 25P
INCREMENTAL ENCODER INTERFACE
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
Triple Incremental Encoder Interface and Companion IC for the TMC428
logo
WAGO Kontakttechnik Gmb...
750-631-000-010 WAGO-750-631-000-010 Datasheet
372Kb / 10P
Incremental encoder interface; 5 ??24 VDC
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com