Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC424 Datasheet(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC424
Description  Serial Triple Incremental Encoder Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC424 Datasheet(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMC424 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TMC424 Datasheet – (V1.04 / 2015-JUL-01)
1/21
Copyright © 2011 TRINAMIC Motion Control GmbH & Co. KG
TMC424 – Datasheet
Serial Triple Incremental
Encoder Interface
TRINAMIC Motion Control GmbH & Co. KG
Waterloohain 5
D – 22769 Hamburg
GERMANY
WWW.TRINAMIC.COM
TMC424 Main Features
The TMC424 is a triple incremental encoder input chip, which interfaces to any SPITM compatible
controller. The TMC424 can especially be used in conjunction with the TMC429 triple stepper motor
controller to provide position verification or stabilization using some additional software. It integrates
24 bit counters for each encoder to provide a high position resolution without CPU interaction. Further
it allows dynamic resolution adaptation to allow direct comparison of encoder counters with motors
using a different micro step resolution. All encoder counters can be latched synchronously, or
whenever a null channel event occurs, providing a position on strobe holding function. The TMC424
also provides a step / direction output with programmable signal shaping for the TMC429 as an
optional function. A multiplexer function is also integrated for the TMC429 reference switches. All
functions can also be used in conjunction.
Applications
Stepper Motor Position Verification
Position Maintenance
Incremental Encoder Interface Readout
Step / Direction conversion for TMC429 systems
Features
Supports 2 and 3 channel incremental encoders with a wide range of resolutions
Allows step / direction signal extraction from TMC429 output data stream
Programmable pulse shaping for step / direction interface
24 bit integrated position resolution
Programmable prescaler for Incremental Encoder Interface
4-times evaluation of encoder signals
Fast 32 bit SPITM interface
Can share SPITM interface with TMC429 and supplies separate interrupt output
Integrates Reference Switch Multiplexers
Package: TQ100
Note: SPI is Trademark of Motorola, Inc.
TMC424
TQFP-100 Package
GND
ENC1_A
ENC1_B
ENC1_N
ENC2_A
GND
ENC2_B
ENC2_N
ENC3_A
ENC3_B
ENC3_N
STEP1
DIR1
VCCI
STEP2
DIR2
STEP3
DIR3
VCORE
GND
GND
TDO
TRST
VCC
CLK
VCCI
VCC
GND
VCC
VCC
GND
VCORE
VCORE
1
25
75
51
GND


Similar Part No. - TMC424

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC4210+2660-EVAL TRINAMIC-TMC4210+2660-EVAL Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC4210-I TRINAMIC-TMC4210-I Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
More results

Similar Description - TMC424

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
logo
List of Unclassifed Man...
PE12316 ETC-PE12316 Datasheet
1Mb / 29P
Triple Incremental Encoder
logo
TRINAMIC Motion Control...
TMC4330A TRINAMIC-TMC4330A Datasheet
3Mb / 166P
Encoder interface for incremental or serial encoders.
logo
Texas Instruments
THCT12016 TI-THCT12016 Datasheet
1Mb / 25P
INCREMENTAL ENCODER INTERFACE
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
Triple Incremental Encoder Interface and Companion IC for the TMC428
logo
WAGO Kontakttechnik Gmb...
750-631-000-010 WAGO-750-631-000-010 Datasheet
372Kb / 10P
Incremental encoder interface; 5 ??24 VDC
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com