Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC424 Datasheet(PDF) 6 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC424
Description  Serial Triple Incremental Encoder Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC424 Datasheet(HTML) 6 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC424 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TMC424 Datasheet – (V1.04 / 2015-JUL-01)
6/21
Copyright © 2011 TRINAMIC Motion Control GmbH & Co. KG
1.1 Pin Description
Pin
Location
Dir
Pull-Up /
Pull-Down
Description
GND
1, 9, 12, 25, 38,
51, 67, 75, 88
Ground
ENC1_A
3
In
Incremental Encoder Interface 1 Channel A
ENC1_B
4
In
Incremental Encoder Interface 1 Channel B
ENC1_N
5
In
Incremental Encoder Interface 1 Channel N
ENC2_A
6
In
Incremental Encoder Interface 2 Channel A
ENC2_B
7
In
Incremental Encoder Interface 2 Channel B
ENC2_N
8
In
Incremental Encoder Interface 2 Channel N
ENC3_A
10
In
Incremental Encoder Interface 3 Channel A
ENC3_B
11
In
Incremental Encoder Interface 3 Channel B
ENC3_N
13
In
Incremental Encoder Interface 3 Channel N
ENC_INV
86
In
Down
Invert all ENCx_y inputs
TDI
48
Connect to Ground
TMS
49
Connect to 3.3 Volt via Pull-Up Resistor
TRST
55
Connect to 3.3 Volt via Pull-Up Resistor
TDO
54
To be left open
TCK
47
Connect to Ground
VCCI
18, 39, 66, 87
Positive Power Supply 3.3 Volt
VCC
24, 50, 52, 56, 74
Positive Power Supply 3.3 Volt
VCORE
14, 17, 37, 68, 89
Positive Power Supply 1.5 Volt
CLK
64
In
System Clock 16MHz
EXT_RES
92
In
Up
External Reset Low Active
Step 1
16
Out
Step/Direction Interface – Step Output Motor 1
Dir 1
19
Out
Step/Direction Interface – Direction Output Motor 1
Step 2
20
Out
Step/Direction Interface – Step Output Motor 2
Dir 2
21
Out
Step/Direction Interface – Direction Output Motor 2
Step 3
22
Out
Step/Direction Interface – Step Output Motor 3
Dir 3
23
Out
Step/Direction Interface – Direction Output Motor 3
SDO_D
26
Out
Step / Direction SPI MISO
SDI_D
27
In
Up
Step / Direction SPI MOSI
SCK_D
28
In
Up
Step / Direction SPI SCK
NSCS_D
29
In
Up
Step / Direction SPI NSCS
REF0
34
Out
Reference switch output 1
REF1
35
Out
Reference switch output 2
REF2
36
Out
Reference switch output 3
STOPR0
40
In
Down
Right Stop Switch Motor 1
STOPR1
41
In
Down
Right Stop Switch Motor 2
STOPR2
42
In
Down
Right Stop Switch Motor 3
STOPL0
43
In
Down
Left Stop Switch Motor 1
STOPL1
44
In
Down
Left Stop Switch Motor 2
STOPL2
45
In
Down
Left Stop Switch Motor 3
SDO
100
Out
SPI MISO
SDI
99
In
Up
SPI MOSI
SCK
98
In
Up
SPI SCK
NSCS
97
In
Up
SPI NSCS
SDO429
96
In
Up
SPI MISO Pin of TMC429 (SDO_C)
NSCS429
95
In
Up
SPI NSCS Pin of TMC429 (nSCS_C)
NINT
94
Out
Interrupt Output (low active)
Table 1: TMC424 Pinout
Note: Pins which are not marked in Figure 1: Pinout TMC424 on page 5 must be left open.


Similar Part No. - TMC424

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC4210+2660-EVAL TRINAMIC-TMC4210+2660-EVAL Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC4210-I TRINAMIC-TMC4210-I Datasheet
1Mb / 48P
MOTION CONTROLLER FOR STEPPER MOTORS
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
More results

Similar Description - TMC424

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
logo
List of Unclassifed Man...
PE12316 ETC-PE12316 Datasheet
1Mb / 29P
Triple Incremental Encoder
logo
TRINAMIC Motion Control...
TMC4330A TRINAMIC-TMC4330A Datasheet
3Mb / 166P
Encoder interface for incremental or serial encoders.
logo
Texas Instruments
THCT12016 TI-THCT12016 Datasheet
1Mb / 25P
INCREMENTAL ENCODER INTERFACE
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
Triple Incremental Encoder Interface and Companion IC for the TMC428
logo
WAGO Kontakttechnik Gmb...
750-631-000-010 WAGO-750-631-000-010 Datasheet
372Kb / 10P
Incremental encoder interface; 5 ??24 VDC
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com