Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V-106-3A4 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # V-106-3A4
Description  Miniature Basic Switch that Offers High Reliability and Security
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-106-3A4 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button V-106-3A4 Datasheet HTML 8Page - Omron Electronics LLC V-106-3A4 Datasheet HTML 9Page - Omron Electronics LLC V-106-3A4 Datasheet HTML 10Page - Omron Electronics LLC V-106-3A4 Datasheet HTML 11Page - Omron Electronics LLC V-106-3A4 Datasheet HTML 12Page - Omron Electronics LLC V-106-3A4 Datasheet HTML 13Page - Omron Electronics LLC V-106-3A4 Datasheet HTML 14Page - Omron Electronics LLC V-106-3A4 Datasheet HTML 15Page - Omron Electronics LLC V-106-3A4 Datasheet HTML 16Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
V
Miniature Basic Switch
V
The following dimensions and Operating Characteristics are for both "Not specified: Standard (105
°C)" and "-T: Heat-resistive (150°C)" models.
The following illustrations and drawings are for solder terminals (Terminal A). V models with a switching current of 15A and 10A have quick-connect terminals #187
(C2). These models are different from solder terminal models in terminal size only. Illustrations for quick-connect terminals #187 (C2) are omitted. Please refer to
"Terminals and Shapes" on page 8.
The
@ is replaced with the code for the terminals.See the "List of Models" for available combinations of shapes.
Note 1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Note 2. The operating characteristics are for operation in the A direction (
).
Thermosetting Case (V-15/V-10 Models)
Applicable to both Standard (105°C) and Heat-resistive (150°C) models
18.8
37.8±0.8
22.2±0.1
20.2±0.25
φ3.4±0.15
(10)
27.8
2.8
3.1+0.13
−0.03
2.8
OP
PT
10.3±0.1
15.9
φ3.1+0.13 hole
−0.03
2.8
10.3
2.8
4.2
A
t=0.5
Three, solder terminals
●Pin plunger
V-15-1
@6
V-15-1
@5
V-10-1
@5
V-10-1
@4
Operating
characteristics
Model V-15-1
@6
V-15-1
@5
V-10-1
@5
V-10-1
@4
OF max.
RF min.
3.92N
078N
1.96N
0.49N
0.98N
0.20N
PT max.
OT min.
MD max.
1.2mm
1.0mm
0.4mm
OP
14.7
±0.4mm
●Short hinge lever
V-151-1
@6
V-151-1
@5
V-101-1
@5
V-101-1
@4
Operating
characteristics
Model V-151-1
@6
V-151-1
@5
V-101-1
@5
V-101-1
@4
OF max.
RF min.
3.92N
0.49N
1.96N
0.49N
0.98N
0.15N
PT max.
OT min.
MD max.
1.6mm
0.8mm
0.6mm
OP
15.2
±0.5mm
18.8
37.8±0.8
22.2±0.1
φ3.4±0.15
(10)
27.8
2.8
3.1+0.13
−0.03
2.8
OP
PT
10.3±0.1
15.9
φ3.1+0.13 hole
−0.03
10.3
2.8
4.3
22.1
8.1
t=0.5 *
A
t=0.5
Three, solder terminals
* Stainless-steel lever
●Hinge lever
V-152-1
@6
V-152-1
@5
V-102-1
@5
V-102-1
@4
Operating
characteristics
Model V-152-1
@6
V-152-1
@5
V-102-1
@5
V-102-1
@4
OF max.
RF min.
2.45N
0.25N
1.23N
0.14N
0.59N
0.06N
PT max.
OT min.
MD max.
4.0mm
1.6mm
1.5mm
OP
15.2
±1.2mm
35.6±0.8
t=0.5 *
OP
PT
8.1
A
18.8
37.8±0.8
22.2±0.1
φ3.4±0.15
(10)
27.8
2.8
3.1+0.13
−0.03
2.8
10.3±0.1
15.9
φ3.1+0.13 hole
−0.03
10.3
2.8
4.3
t=0.5
Three, solder terminals
* Stainless-steel lever
●Long Hinge Lever Models
V-153-1
@6
V-153-1
@5
V-103-1
@5
V-103-1
@4
Operating
characteristics
Model V-153-1
@6
V-153-1
@5
V-103-1
@5
V-103-1
@4
OF max.
RF min.
1.27N
0.12N
0.69N
0.06N
0.34N
-
PT max.
OT min.
MD max.
9.0mm
2.0mm
2.8mm
9.0mm
3.2mm
2.8mm
OP
15.2
mm
15.2
±2.6
mm
+2.6
−3.2
59.4±0.8
t=0.5 *
3.1+0.13
−0.03
2.8
OP
PT
10.3±0.1
φ3.1+0.13 hole
−0.03
8.1
A
18.8
37.8±0.8
22.2±0.1
φ3.4±0.15
(10)
27.8
2.8
15.9
10.3
2.8
4.3
t=0.5
Three, solder terminals
* Stainless-steel lever


Similar Part No. - V-106-3A4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V-106-1A4-T OMRON-V-106-1A4-T Datasheet
1Mb / 16P
   Snap Action Switch
More results

Similar Description - V-106-3A4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V-15G2-1C26-K OMRON-V-15G2-1C26-K Datasheet
1Mb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
logo
List of Unclassifed Man...
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com