Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6D-1A Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G6D-1A
Description  Power PCB Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6D-1A Datasheet(HTML) 4 Page - Omron Electronics LLC

  G6D-1A Datasheet HTML 1Page - Omron Electronics LLC G6D-1A Datasheet HTML 2Page - Omron Electronics LLC G6D-1A Datasheet HTML 3Page - Omron Electronics LLC G6D-1A Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
G6D
G6D
Type
Contact form
Coil ratings
Contact ratings
G6D-1A
SPST-NO
5 to 24 VDC
5 A, 250 VAC (Resistive)
5 A, 30 VDC (Resistive)
1/10 HP, 120 VAC
D150 Pilot Duty
s APPROVALS
UL (File No. E41515)/CSA (File No. LR31928)
Note:
1. The rated values approved by each of the safety standards (e.g., UL, CSA, TUV) may be different from the performance
characteristics individually defined in this catalog.
2. In the interest of product improvement, specifications are subject to change.
s SPACING BETWEEN RELAYS
More than two relays can be closely mounted right side up as
shown in the illustration below.
s SOCKET MOUNTING
When mounting the relay, insert it into the socket as vertically
as possible so that the relay terminals contact securely with the
contact pins on the socket.
The P6D-04P socket is flux-resistant. Do not wash the socket
with water.
Remove the relay from the socket before soldering the socket to
a PC board.
Mounting height
Note: The space between each relay required for heat radiation
may vary with operating conditions.
More than two relays can be closely mounted upside down as
shown in the illustration below.
Precautions
OMRON ELECTRONICS, INC.
OMRON CANADA, INC.
One East Commerce Drive
885 Milner Avenue
Schaumburg, IL 60173
Scarborough, Ontario M1B 5V8
1-800-55-OMRON
416-286-6465
Cat. No. GC RLY7
01/00
Specifications subject to change without notice.
Printed in the U.S.A.
NOTE: DIMENSIONS ARE SHOWN IN MILLIMETERS. To convert millimeters to inches divide by 25.4.


Similar Part No. - G6D-1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A-ASI OMRON-G6D-1A-ASI Datasheet
643Kb / 6P
Power PCB Relay
G6D-1A-ASI OMRON-G6D-1A-ASI Datasheet
644Kb / 6P
Power PCB Relay
G6D-1A-ASI OMRON-G6D-1A-ASI Datasheet
164Kb / 4P
Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs
G6D-1A-ASI-AP OMRON-G6D-1A-ASI-AP Datasheet
164Kb / 4P
Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs
G6D-1A-ASI-APDC24 OMRON-G6D-1A-ASI-APDC24 Datasheet
643Kb / 6P
Power PCB Relay
More results

Similar Description - G6D-1A

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
Power PCB Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com