Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

651305142821 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 651305142821
Description  MINI USB 2.0 SMT TYPE AB 5 CONTACTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

651305142821 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  651305142821 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 651305142821 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
31-JUL-08
PDF
CH
B
19-NOV-09
STANDARD
JP
C
D
E
18-FEB-13
DESIGNATION
AR
F
G
APPROVAL: RJ
UNIT: MM
DESCRIPTION: MINI USB 2.0 SMT TYPE AB 5 CONTACTS
SCALE:
SHEET: 1/2
WERI PART NO: 651 305 142 821
DRAW: PDJ
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
TECHNICAL CHARACTERISTICS
MATERIAL
INSULATOR: LCP
COLOR: BLACK
CONTACT MATERIAL: COPPER ALLOY
CONTACT TYPE: STAMPED
CONTACT PLATING: SELECTIVE GOLD
SHIELDING: BRASS TIN PLATED
QUALITY CLASS: 1500 MATING CYCLES
ENVIRONMENTAL
OPERATING TEMPERATURE: -40 UP TO 105°C
FLAMABILITY RATING: UL94-V0
COMPLIANCE: LEAD FREE AND ROHS
ELECTRICAL
CURRENT RATING:
WORKING VOLTAGE: 30V
INSULATOR RESISTANCE: >1000 MOHM
DIELECTRIC WITHSTANDING VOLTAGE: 750V AC/MN
CONTACT RESISTANCE: 20 mOHM MAX
STANDARD
CERTIFIED: E323964 / MODEL NUMBER 651-1428
SOLDERING
REFLOW PROCESS ONLY
PACKAGING
TAPE AND REEL
PCB LAYOUT - COMPONENT VIEW
1.0 A max
22-JUN-11
CURRENT RATING
GG
08-NOV-11
CURRENT RATING
GG


Similar Part No. - 651305142821

ManufacturerPart #DatasheetDescription
logo
Presto International UK...
651346 PRESTO-651346 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
651386 PRESTO-651386 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
More results

Similar Description - 651305142821

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DX3R005HN2 JAE-DX3R005HN2 Datasheet
143Kb / 1P
MINI USB CONNECTOR MINI-AB RECEP. R/A SMT TYPE WITH MAYLAR TYPE
logo
FCI connector
10033527-N3212MLF FCI-CONNECTOR-10033527-N3212MLF Datasheet
143Kb / 2P
MINI USB AB TYPE RECEPTACLE CONNECTOR, R/A SMT TYPE
10033527-N3112 FCI-CONNECTOR-10033527-N3112 Datasheet
143Kb / 2P
MINI USB AB TYPE RECEPTACLE CONNECTOR, R/A SMT TYPE
logo
Adam Technologies, Inc.
MUSB-B4-S-RA-SMT ADAM-TECH-MUSB-B4-S-RA-SMT Datasheet
78Kb / 1P
MINI USB TYPE AB SINGLE PORT
MUSB-B5-S-VT-TSMT-1-TR ADAM-TECH-MUSB-B5-S-VT-TSMT-1-TR Datasheet
86Kb / 1P
MINI USB TYPE AB SINGLE PORT
logo
Wurth Elektronik GmbH &...
65100516121 WURTH-65100516121 Datasheet
464Kb / 2P
MINI USB 2.0 SMT TYPE B 5 CONTACTS
629105136821 WURTH-629105136821 Datasheet
519Kb / 2P
MICRO USB 2.0 SMT TYPE B 5 CONTACTS
629105150921 WURTH-629105150921 Datasheet
704Kb / 3P
WR-COM - MICRO USB 2.0 TYPE AB - HORIZONTAL - SMT
651005136421 WURTH-651005136421 Datasheet
441Kb / 2P
WR-COM - VERTICAL MINI USB 2.0 TYPE B 5 CONTACTS
651005136521 WURTH-651005136521 Datasheet
462Kb / 2P
MINI USB 2.0 TYPE B 5 CONTACTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com