Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

651005136521 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 651005136521
Description  MINI USB 2.0 TYPE B 5 CONTACTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

651005136521 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  651005136521 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 651005136521 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
10-SEP-14
PDF
QL
B
C
D
E
F
G
APPROVAL: JC
UNIT: MM
DESCRIPTION: DISCLAIMER
SCALE:
SHEET: 2/2
WERI PART NO: DISCLAIMER
DRAW: QL
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
Cautions and Warnings:
This electronic component is designed and developed with the intention for use
in general electronics equipments.
Before incorporating the components into any equipments in the field such as aerospace, aviation,
nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc. where higher safety
and reliability are especially required or if there is possibility of direct damage or injury to human body,
Wurth Elektronik must be asked for a written approval.
In addition, even electronic component in general electronic equipments, when used in electrical circuits
that require high safety, reliability functions or performance, the sufficient reliability evaluation-check
for the safety must be performed before by the user before usage.


Similar Part No. - 651005136521

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
651005136421 WURTH-651005136421 Datasheet
441Kb / 2P
WR-COM - VERTICAL MINI USB 2.0 TYPE B 5 CONTACTS
More results

Similar Description - 651005136521

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61400413321 WURTH-61400413321 Datasheet
485Kb / 2P
USB 2.0 TYPE B VERTICAL
65100516121 WURTH-65100516121 Datasheet
464Kb / 2P
MINI USB 2.0 SMT TYPE B 5 CONTACTS
614004141121 WURTH-614004141121 Datasheet
259Kb / 1P
USB 2.0 TYPE B BLACK
629105136821 WURTH-629105136821 Datasheet
519Kb / 2P
MICRO USB 2.0 SMT TYPE B 5 CONTACTS
651005136421 WURTH-651005136421 Datasheet
441Kb / 2P
WR-COM - VERTICAL MINI USB 2.0 TYPE B 5 CONTACTS
651305142821 WURTH-651305142821 Datasheet
774Kb / 2P
MINI USB 2.0 SMT TYPE AB 5 CONTACTS
logo
Rosenberger Hochfrequen...
L99-989-800 ROSENBERGER-L99-989-800 Datasheet
725Kb / 2P
USB 2.0 A MALE TO USB 2.0 TYPE-B
L99-989-1800 ROSENBERGER-L99-989-1800 Datasheet
725Kb / 2P
USB 2.0 A MALE TO USB 2.0 TYPE-B
logo
Bel Fuse Inc.
SS-52300-001 BEL-SS-52300-001 Datasheet
499Kb / 1P
USB 2.0 Type-B Connectors
logo
Molex Electronics Ltd.
847290024 MOLEX-847290024 Datasheet
81Kb / 1P
2.0 USB-A TO USB MINI B RECEPTACLE
2013/01/18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com