Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

651005136521 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 651005136521
Description  MINI USB 2.0 TYPE B 5 CONTACTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

651005136521 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  651005136521 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 651005136521 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
H
APPROVAL:
UNIT: MM
DESCRIPTION: MINI USB 2.0 TYPE B 5 CONTACTS
SCALE:
SHEET: 1/2
WERI PART NO: 651 005 136 521
DRAW: DXS
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
TECHNICAL CHARACTERISTICS
MATERIAL
INSULATOR: PBT
FLAMABILITY RATING: UL94-V0
COLOR: BLACK
CONTACT MATERIAL: COPPER ALLOYS
CONTACT TYPE: STAMPED
CONTACT PLATING: SELECTIVE GOLD
SHIELDING: BRASS WITH Ni PLATING
QUALITY CLASS: 1500 MATING CYCLES
ENVIRONMENTAL
OPERATING TEMPERATURE: -40 UP TO 105°C
COMPLIANCE: LEAD FREE AND ROHS
ELECTRICAL
CURRENT RATING:
WORKING VOLTAGE: 30 VAC
INSULATOR RESISTANCE: >1000 MOHM
DIELECTRIC WITHSTANDING VOLTAGE: 750 VAC/MN
CONTACT RESISTANCE: 20 mOHM MAX
STANDARD
CERTIFIED: E323964
SOLDERING
JEDEC LEAD FREE WAVE SOLDERING PROCESS
PACKAGING
TUBE
22-JUN-11
CURRENT RATING
GG
x
a
m
A
0
.
1
I
08-NOV-11
CURRENT RATING
GG
J
18-FEB-13
DESIGNATION
AR
RECOMMENDED PCB LAYOUT
RECOMMENDED PCB THICKNESS : 1.6 mm
K
09-AVR-15
PCB THIKNESS
QP
L
26-NOV-15
PACKAGING
AK


Similar Part No. - 651005136521

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
651005136421 WURTH-651005136421 Datasheet
441Kb / 2P
WR-COM - VERTICAL MINI USB 2.0 TYPE B 5 CONTACTS
More results

Similar Description - 651005136521

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61400413321 WURTH-61400413321 Datasheet
485Kb / 2P
USB 2.0 TYPE B VERTICAL
65100516121 WURTH-65100516121 Datasheet
464Kb / 2P
MINI USB 2.0 SMT TYPE B 5 CONTACTS
614004141121 WURTH-614004141121 Datasheet
259Kb / 1P
USB 2.0 TYPE B BLACK
629105136821 WURTH-629105136821 Datasheet
519Kb / 2P
MICRO USB 2.0 SMT TYPE B 5 CONTACTS
651005136421 WURTH-651005136421 Datasheet
441Kb / 2P
WR-COM - VERTICAL MINI USB 2.0 TYPE B 5 CONTACTS
651305142821 WURTH-651305142821 Datasheet
774Kb / 2P
MINI USB 2.0 SMT TYPE AB 5 CONTACTS
logo
Rosenberger Hochfrequen...
L99-989-800 ROSENBERGER-L99-989-800 Datasheet
725Kb / 2P
USB 2.0 A MALE TO USB 2.0 TYPE-B
L99-989-1800 ROSENBERGER-L99-989-1800 Datasheet
725Kb / 2P
USB 2.0 A MALE TO USB 2.0 TYPE-B
logo
Bel Fuse Inc.
SS-52300-001 BEL-SS-52300-001 Datasheet
499Kb / 1P
USB 2.0 Type-B Connectors
logo
Molex Electronics Ltd.
847290024 MOLEX-847290024 Datasheet
81Kb / 1P
2.0 USB-A TO USB MINI B RECEPTACLE
2013/01/18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com