Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4X16E83VTW-6 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 4X16E83VTW-6
Description  4 MEG x 16 EDO DRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

4X16E83VTW-6 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  4X16E83VTW-6 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4X16E83VTW-6 Datasheet HTML 2Page - List of Unclassifed Manufacturers 4X16E83VTW-6 Datasheet HTML 3Page - List of Unclassifed Manufacturers 4X16E83VTW-6 Datasheet HTML 4Page - List of Unclassifed Manufacturers 4X16E83VTW-6 Datasheet HTML 5Page - List of Unclassifed Manufacturers 4X16E83VTW-6 Datasheet HTML 6Page - List of Unclassifed Manufacturers 4X16E83VTW-6 Datasheet HTML 7Page - List of Unclassifed Manufacturers 4X16E83VTW-6 Datasheet HTML 8Page - List of Unclassifed Manufacturers 4X16E83VTW-6 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
ABSOLUTE MAXIMUM RATINGS*
Voltage on VCC Relative to VSS ................ -1V to +4.6V
Voltage on NC, Inputs or I/O Pins
Relative to VSS ....................................... -1V to +4.6V
Operating Temperature, TA (ambient)
Commercial ......................................... 0°C to +70°C
Extended (IT) ................................. -40°C to +85°C**
Storage Temperature (plastic) ............ -55°C to +150°C
Power Dissipation ................................................... 1W
*Stresses greater than those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only, and functional
operation of the device at these or any other conditions
above those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect reliability.
DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS
(Note: 1) (VCC = +3.3V ±0.3V)
PARAMETER/CONDITION
SYMBOL
MIN
MAX
UNITS NOTES
SUPPLY VOLTAGE
VCC
3
3.6
V
INPUT HIGH VOLTAGE:
Valid Logic 1; All inputs, I/Os and any NC
VIH
2VCC + 0.3
V
35
INPUT LOW VOLTAGE:
Valid Logic 0; All inputs, I/Os and any NC
VIL
-0.3
0.8
V
35
INPUT LEAKAGE CURRENT:
Any input at VIN (0V
VIN
VCC + 0.3V);
II
-2
2
µA
36
All other pins not under test = 0V
OUTPUT HIGH VOLTAGE:
IOUT = -2mA
VOH
2.4
V
OUTPUT LOW VOLTAGE:
IOUT = 2mA
VOL
0.4
V
OUTPUT LEAKAGE CURRENT:
Any output at VOUT (0V
VOUT
VCC + 0.3V);
IOZ
-5
5
µA
DQ is disabled and in High-Z state
4 MEG x 16
EDO DRAM
<_
<_
<_
<_


Similar Part No. - 4X16E83VTW-6

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
4X16 BELDEN-4X16 Datasheet
156Kb / 2P
   MachFlex™ 350YY, 4C 16 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
4X16-010100M BELDEN-4X16-010100M Datasheet
156Kb / 2P
   MachFlex™ 350YY, 4C 16 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
4X16-010200M BELDEN-4X16-010200M Datasheet
156Kb / 2P
   MachFlex™ 350YY, 4C 16 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
4X16-010300M BELDEN-4X16-010300M Datasheet
156Kb / 2P
   MachFlex™ 350YY, 4C 16 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
4X16-G8U100M BELDEN-4X16-G8U100M Datasheet
156Kb / 2P
   MachFlex™ 350YY, 4C 16 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
More results

Similar Description - 4X16E83VTW-6

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC4M4E8 MICRON-MT4LC4M4E8 Datasheet
291Kb / 23P
   4 MEG x 4 EDO DRAM
logo
Austin Semiconductor
AS4LC4M16 AUSTIN-AS4LC4M16_05 Datasheet
3Mb / 25P
   4 MEG x 16 DRAM Extended Data Out (EDO) DRAM
AS4LC4M16 AUSTIN-AS4LC4M16 Datasheet
519Kb / 25P
   4 MEG x 16 DRAM
AS4LC4M4883C AUSTIN-AS4LC4M4883C Datasheet
191Kb / 20P
   4 MEG x 4 DRAM 3.3V, EDO PAGE MODE
AS4LC1M16 AUSTIN-AS4LC1M16 Datasheet
195Kb / 22P
   1 MEG x 16 DRAM
logo
Micron Technology
MT4C40005 MICRON-MT4C40005 Datasheet
140Kb / 1P
   4 MEG x 4 DRAM
logo
Austin Semiconductor
AS4SD4M16 AUSTIN-AS4SD4M16_05 Datasheet
568Kb / 50P
   4 Meg x 16 SDRAM Synchronous DRAM Memory
logo
Micron Technology
MT4C4003J MICRON-MT4C4003J Datasheet
796Kb / 12P
   1 MEG x 4 DRAM
logo
Austin Semiconductor
AS4SD4M16 AUSTIN-AS4SD4M16 Datasheet
1Mb / 50P
   4 Meg x 16 SDRAM Synchronous DRAM Memory
logo
List of Unclassifed Man...
UT51C164 ETC1-UT51C164 Datasheet
277Kb / 26P
   256K X 16 BIT EDO DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com