Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC2230-E02 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # SCC2230-E02
Description  Maximum Range
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCC2230-E02 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  SCC2230-E02 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SCC2230-E02 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Search Data Sheet
SCC2230-E02
Specifications
Output Type
SPI
Supply Voltage
3.0V-3.6V
Axis
3 / 1(Z)
Maximum Range
+/-2g,+/-125deg/s
Sensitivity
5886 LSB/g or 0.010 deg/LSB
50 LSB/(/degS)
Offset Temp. Characteristc
+/-10mg
+/-0.8dps
Amplitude Response
10/60Hz
10/60Hz
2 of 2
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/06/22


Similar Part No. - SCC2230-E02

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCC2230-E02 MURATA1-SCC2230-E02 Datasheet
165Kb / 2P
   Gyro Sensors
02/15/2024
SCC2230-E02 MURATA1-SCC2230-E02_V01 Datasheet
165Kb / 2P
   Gyro Sensors
02/15/2024
More results

Similar Description - SCC2230-E02

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA61T-FAHH1G MURATA-SCA61T-FAHH1G Datasheet
166Kb / 2P
   Maximum Range
SCA103T-D05 MURATA-SCA103T-D05 Datasheet
169Kb / 2P
   Maximum Range
SCA121T-D05 MURATA-SCA121T-D05 Datasheet
169Kb / 2P
   Maximum Range
SCC2230-D08 MURATA-SCC2230-D08 Datasheet
172Kb / 2P
   Maximum Range
SCR2100-D08 MURATA-SCR2100-D08 Datasheet
169Kb / 2P
   Maximum Range
SCA100T-D02 MURATA-SCA100T-D02 Datasheet
168Kb / 2P
   Maximum Range
SCL1700-D01 MURATA-SCL1700-D01 Datasheet
161Kb / 2P
   Maximum Range
SCC2130-D08 MURATA-SCC2130-D08 Datasheet
172Kb / 2P
   Maximum Range
SCR1100-D04 MURATA-SCR1100-D04 Datasheet
169Kb / 2P
   Maximum Range
SCA121T-D03 MURATA-SCA121T-D03 Datasheet
170Kb / 2P
   Maximum Range
SCA121T-D07 MURATA-SCA121T-D07 Datasheet
170Kb / 2P
   Maximum Range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com