Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCA61T-FAHH1G Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # SCA61T-FAHH1G
Description  Maximum Range
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCA61T-FAHH1G Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  SCA61T-FAHH1G Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SCA61T-FAHH1G Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Search Data Sheet
SCA61T-FAHH1G
Specifications
Output Type
Analog/SPI
Axis
1
Maximum Range
±0.5g ±30deg
Supply Voltage
5V
Offset Temp. Characteristc
±0.86deg
Sensitivity
4V/G
Amplitude Response
18Hz
Mass
0.74g
2 of 2
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/06/22


Similar Part No. - SCA61T-FAHH1G

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA61T-FA1H1G MURATA-SCA61T-FA1H1G Datasheet
169Kb / 2P
   Maximum Range
More results

Similar Description - SCA61T-FAHH1G

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA103T-D05 MURATA-SCA103T-D05 Datasheet
169Kb / 2P
   Maximum Range
SCA121T-D05 MURATA-SCA121T-D05 Datasheet
169Kb / 2P
   Maximum Range
SCC2230-D08 MURATA-SCC2230-D08 Datasheet
172Kb / 2P
   Maximum Range
SCR2100-D08 MURATA-SCR2100-D08 Datasheet
169Kb / 2P
   Maximum Range
SCA100T-D02 MURATA-SCA100T-D02 Datasheet
168Kb / 2P
   Maximum Range
SCL1700-D01 MURATA-SCL1700-D01 Datasheet
161Kb / 2P
   Maximum Range
SCC2130-D08 MURATA-SCC2130-D08 Datasheet
172Kb / 2P
   Maximum Range
SCR1100-D04 MURATA-SCR1100-D04 Datasheet
169Kb / 2P
   Maximum Range
SCA121T-D03 MURATA-SCA121T-D03 Datasheet
170Kb / 2P
   Maximum Range
SCA121T-D07 MURATA-SCA121T-D07 Datasheet
170Kb / 2P
   Maximum Range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com