Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD4003 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # ISD4003
Description  Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD4003 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button ISD4003 Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD4003 Datasheet HTML 11Page - List of Unclassifed Manufacturers ISD4003 Datasheet HTML 12Page - List of Unclassifed Manufacturers ISD4003 Datasheet HTML 13Page - List of Unclassifed Manufacturers ISD4003 Datasheet HTML 14Page - List of Unclassifed Manufacturers ISD4003 Datasheet HTML 15Page - List of Unclassifed Manufacturers ISD4003 Datasheet HTML 16Page - List of Unclassifed Manufacturers ISD4003 Datasheet HTML 17Page - List of Unclassifed Manufacturers ISD4003 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
ISD4003 Series
10
Voice Solutions in Silicon
1. Typical values: TA = 25°C and 3.0 V.
2. All min/max limits are guaranteed by ISD via electrical testing or characterization. Not all specifications are 100 percent
tested.
3. Low-frequency cut off depends upon the value of external capacitors (see Pin Descriptions).
4. Single-ended input mode. In the differential input mode, VIN maximum for ANA IN+ and ANA IN– is 16 mVp-p.
5. Sampling Frequency can vary as much as ±2.25 percent over the commercial temperature, and voltage ranges,
and –6/+4 percent over the extended temperature, industrial temperature and voltage ranges. For greater stability,
an external clock can be utilized (see Pin Descriptions).
6. Playback and Record Duration can vary as much as ±2.25 percent over the commercial temperature and voltage
ranges, and –6/+4 percent over the extended temperature, industrial temperature and voltage ranges. For greater
stability, an external clock can be utilized (see Pin Descriptions).
7. Filter specification applies to the antialiasing filter and the smoothing filter. Therefore, from input to output, expect a
6dB drop by nature of passing through both filters.
8. The typical output voltage will be approximately 570mVp-p with VIN at 32mVp-p.
9. For optimal signal quality, this maximum limit is recommended.
10. When a record command is sent, TRAC =TRAC +TRACLO on the first row addressed.
TPLAY
Playback Duration
ISD4003-04M
ISD4003-05M
ISD4003-06M
ISD4003-08M
4
5
6
8
min
min
min
min
(6)
(6)
(6)
(6)
TPUD
Power-Up Delay
ISD4003-04M
ISD4003-05M
ISD4003-06M
ISD4003-08M
25
31.25
37.5
50
msec
msec
msec
msec
TSTOP or
TPAUSE
Stop or Pause in
Record or Play
ISD4003-04M
ISD4003-05M
ISD4003-06M
ISD4003-08M
50
62.5
75
100
msec
msec
msec
msec
TRAC
RAC Clock Period
ISD4003-04M
ISD4003-05M
ISD4003-06M
ISD4003-08M
200
250
300
400
msec
msec
msec
msec
(10)
(10)
(10)
(10)
TRACLO
RAC Clock Low
Time
ISD4003-04M
ISD4003-05M
ISD4003-06M
ISD4003-08M
25
31.25
37.5
50
msec
msec
msec
msec
TRACM
RAC Clock Period
in Message
Cueing Mode
ISD4003-04M
ISD4003-05M
ISD4003-06M
ISD4003-08M
125
156.3
187.5
250
µsec
µsec
µsec
µsec
TRACML
RAC Clock Low
Time in Message
Cueing Mode
ISD4003-04M
ISD4003-05M
ISD4003-06M
ISD4003-08M
15.63
19.53
23.44
31.25
µsec
µsec
µsec
µsec
THD
Total Harmonic Distortion
1
2
%
@ 1 KHz
VIN
ANA IN Input Voltage
32
mV
Peak-to-Peak(4) (8) (9)
Table 7: AC Parameters (Packaged Parts)
Symbol
Characteristic
Min(2)
Typ(1)
Max(2)
Units
Conditions


Similar Part No. - ISD4003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4003 ETC1-ISD4003 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD4003 NUVOTON-ISD4003 Datasheet
1,005Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
logo
List of Unclassifed Man...
ISD4003-04M ETC1-ISD4003-04M Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD4003-04MPY NUVOTON-ISD4003-04MPY Datasheet
1,005Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
ISD4003-04MPYI NUVOTON-ISD4003-04MPYI Datasheet
1,005Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
More results

Similar Description - ISD4003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD5008 ETC-ISD5008 Datasheet
1Mb / 47P
   SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD4003 NUVOTON-ISD4003 Datasheet
1,005Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
logo
List of Unclassifed Man...
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD2560 ETC1-ISD2560 Datasheet
801Kb / 26P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com