Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRU-11222-RA Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # TRU-11222-RA
Description  2.92mm(f) to 2.92mm(f) R/A ADAPTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

TRU-11222-RA Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  TRU-11222-RA Datasheet HTML 1Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.92mm(f)
2.92mm(f)
.59
.59
ENGINEERING DATA
ELECTRICAL:
FREQUENCY RANGE: DC to 40GHz
VSWR MAX: 1.40:1
INSERTION LOSS MAX: .06x
FREQ(GHz)
MECHANICAL:
INTERFACE PER IEEE 287
MATERIAL:
BODIES: STAINLESS STEEL
CONTACTS: BERYLLIUM COPPER
SUPPORT BEAD: PPO
FINISH:
BODIES: PASSIVATED
CONTACTS: GOLD PLATED
NOTES:
ALL DIMENSIONS SHOWN ARE REFERENCE ONLY.
1.
weight: lbs
ANGLES:
TRU Corporation. Reproduction or use thereof, in whole or part, is prohibited
.XXX:
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
SCALE: 6:1
63
2
without the prior written consent of TRU Corporation.
DO NOT SCALE DRAWING
DATE
AM
4
OTHER APPR.
DWG. NO.
DATE
SIZE
TRU-11222-RA
DATE
B
surface area: sq inch
3
UNLESS OTHERWISE SPECIFIED:
1
This document, including the design, configuration and mechanical features
MACHINED SURFACES:
MATERIAL
DRAWN
ENG APPR.
MFG APPR.
COMMENTS:
DATE
TITLE:
THIRD ANGLE PROJECTION
CAGE CODE: 92180
.005
revealed herein are the sole, confidential and proprietary property of
1/2`
REV
DIMENSIONS ARE IN INCHES
-
AM
09/15/08
09/12/08
SHEET 1 OF 1
TOLERANCES:
FRACTIONS: 1/64
.XX : .01
2.92mm(f) to 2.92mm(f) R/A ADAPTER
REV.
DESCRIPTION
DATE
APPROVED
-
ORIGINAL ISSUE
09/18/08
AM


Similar Part No. - TRU-11222-RA

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
   CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
More results

Similar Description - TRU-11222-RA

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
TRU-11223-RA WINCHESTER-TRU-11223-RA Datasheet
31Kb / 1P
   2.92mm(f) to 2.92mm(m) R/A ADAPTER
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
   CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
TRU-12583 WINCHESTER-TRU-12583 Datasheet
80Kb / 1P
   CONNECTOR, COAXIAL 2.92mm(f) to 2.92mm(f) BKHD ADAPTER
logo
Mini-Circuits
KFNMD-KM MINI-KFNMD-KM Datasheet
259Kb / 2P
   Adapter 2.92mm NMD-F to 2.92mm-M
REV. OR
logo
Winchester Electronics ...
TRU-11223 WINCHESTER-TRU-11223 Datasheet
69Kb / 1P
   CONNECTOR,COAXIAL 2.92MM(M) TO 2.92MM(F) ADAPTER
logo
Mini-Circuits
KFNMD-KMNMD MINI-KFNMD-KMNMD Datasheet
189Kb / 2P
   Adapter 2.92mm NMD-M to 2.92mm-NMD-F
logo
Winchester Electronics ...
TRU-13017 WINCHESTER-TRU-13017 Datasheet
80Kb / 1P
   CONNECTOR, COAXIAL 2.92mm(f) to N(f) ADAPTER
TRU-11224 WINCHESTER-TRU-11224 Datasheet
32Kb / 1P
   CONNECTOR, COAXIAL 2.92mm(f) to 2.4mm(f) ADAPTER
TRU-11233-RA WINCHESTER-TRU-11233-RA Datasheet
29Kb / 1P
   2.92mm(m) to 2.92mm(m) R/A ADAPTER
logo
Amphenol SV Microwave
1115-6141 SVMICROWAVE-1115-6141 Datasheet
97Kb / 1P
   STR. F SMA TO STR. F 2.92mm HERMETIC BLKHD ADAPTER
09/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com