Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39741B8624P810 Datasheet(PDF) 2 Page - TDK Electronics

Part # B39741B8624P810
Description  SAW Components SAW Duplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39741B8624P810 Datasheet(HTML) 2 Page - TDK Electronics

  B39741B8624P810 Datasheet HTML 1Page - TDK Electronics B39741B8624P810 Datasheet HTML 2Page - TDK Electronics B39741B8624P810 Datasheet HTML 3Page - TDK Electronics B39741B8624P810 Datasheet HTML 4Page - TDK Electronics B39741B8624P810 Datasheet HTML 5Page - TDK Electronics B39741B8624P810 Datasheet HTML 6Page - TDK Electronics B39741B8624P810 Datasheet HTML 7Page - TDK Electronics B39741B8624P810 Datasheet HTML 8Page - TDK Electronics B39741B8624P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
January 17, 2014
B8624
710.0 / 740.0 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data sheet
Application
s
Low-loss SAW duplexer for mobile telephone
LTE Band XVII systems
s
Low insertion attenuation
s
Low amplitude ripple
s
Usable passband 12 MHz
s
50
Ω single-ended in both in Antenna-Rx and
Tx-Antenna paths
Features
s
Package size 2.0 x 1.6 mm2
s
Max. package height 0.47mm
s
RoHS compatible
s
Approx. weight 0.006 g
s
Package for Surface Mount Technology (SMT)
s
Ni, Au-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Moisture Sensitive Level 3
bottom view
side view
top view
1
2
3
5
6
7
9
0.43
0.33
0.7
7
5
2
6
1
3
2.0
Pin configuration
s
3
Tx Input
s
1
Rx Output
s
6
Antenna
s
2,4,5,7,8,9
To be grounded
1
6
2,4,5
3
7,8,9


Similar Part No. - B39741B8624P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39741B8628P810 TDK-B39741B8628P810 Datasheet
232Kb / 13P
   SAW Components SAW Duplexer
More results

Similar Description - B39741B8624P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B8522P810 TDK-B39202B8522P810 Datasheet
347Kb / 13P
   SAW Components SAW Duplexer
B39212B8524P810 TDK-B39212B8524P810 Datasheet
274Kb / 18P
   SAW Components SAW Duplexer
B39202B8607P810 TDK-B39202B8607P810 Datasheet
210Kb / 12P
   SAW Components SAW Duplexer
B39202B8618P810 TDK-B39202B8618P810 Datasheet
350Kb / 13P
   SAW Components SAW Duplexer
B39212B8651P810 TDK-B39212B8651P810 Datasheet
388Kb / 17P
   SAW Components SAW Duplexer
B39851B8581P810 TDK-B39851B8581P810 Datasheet
229Kb / 12P
   SAW Components SAW Duplexer
B39741B4407P810 TDK-B39741B4407P810 Datasheet
182Kb / 11P
   SAW Components SAW Duplexer
B39851B8633P810 TDK-B39851B8633P810 Datasheet
178Kb / 12P
   SAW Components SAW Duplexer
B39791B7929P810 TDK-B39791B7929P810 Datasheet
197Kb / 11P
   SAW Components SAW Duplexer
B39741B8526P810 TDK-B39741B8526P810 Datasheet
239Kb / 15P
   SAW Components SAW Duplexer
B39741B8570P810 TDK-B39741B8570P810 Datasheet
225Kb / 13P
   SAW Components SAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com