Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8231614 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 8231614
Description  ESD Suppressor WE-VE femtoF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

8231614 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  8231614 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 8231614 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 8231614 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Customer :
Ordercode:
Description :
SSt
Version 2
2010-06-25
JB
Version 1
2008-09-02
Name
Modification
Date
Insertion Loss
Capacitance vs. Frequency
General Release:
Customer
.......................................................................
........................................................................
Würth Elektronik
.......................................................................
........................................................................
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Phone (+49) (0) 7942 - 945 - 0 · Fax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Date
Signature
Checked
Approved
8231614
H Typical Characteristics:
Specification for release
ESD Suppressor WE-VE femtoF
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and
reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine,
transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, W ürth Elektronik eiSos GmbH must be
informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that
require high safety and reliability functions or performance.
-2
-1,5
-1
-0,5
0
1
10
100
1 000
10 000
Frequency [MHz]
Vrms = 0.5V
-0,05
-0,025
0
0,025
0,05
0,075
0,1
10
100
1 000
10 000
Frequency [MHz]
Vrms = 0.5V
PAGE 2 OF 3


Similar Part No. - 8231614

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
8231614A WURTH-8231614A Datasheet
193Kb / 3P
ESD Suppressor WE-VE femtoF
Version 1 2010-12-14
More results

Similar Description - 8231614

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
8231606 WURTH-8231606 Datasheet
81Kb / 3P
ESD Suppressor WE-VE femtoF
8231626 WURTH-8231626 Datasheet
81Kb / 3P
ESD Suppressor WE-VE femtoF
8231706 WURTH-8231706 Datasheet
81Kb / 3P
ESD Suppressor WE-VE femtoF
8231714 WURTH-8231714 Datasheet
81Kb / 3P
ESD Suppressor WE-VE femtoF
8231726 WURTH-8231726 Datasheet
81Kb / 3P
ESD Suppressor WE-VE femtoF
8231606A WURTH-8231606A Datasheet
194Kb / 3P
ESD Suppressor WE-VE femtoF
Version 1 2010-12-14
8231714A WURTH-8231714A Datasheet
194Kb / 3P
ESD Suppressor WE-VE femtoF
Version 1 2010-12-14
8231626A WURTH-8231626A Datasheet
195Kb / 3P
ESD Suppressor WE-VE femtoF
Version 1 2010-12-14
8231614A WURTH-8231614A Datasheet
193Kb / 3P
ESD Suppressor WE-VE femtoF
Version 1 2010-12-14
8231726A WURTH-8231726A Datasheet
193Kb / 3P
ESD Suppressor WE-VE femtoF
Version 1 2010-12-14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com