Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39202B9477P810 Datasheet(PDF) 4 Page - TDK Electronics

Part # B39202B9477P810
Description  SAW Components SAW Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39202B9477P810 Datasheet(HTML) 4 Page - TDK Electronics

  B39202B9477P810 Datasheet HTML 1Page - TDK Electronics B39202B9477P810 Datasheet HTML 2Page - TDK Electronics B39202B9477P810 Datasheet HTML 3Page - TDK Electronics B39202B9477P810 Datasheet HTML 4Page - TDK Electronics B39202B9477P810 Datasheet HTML 5Page - TDK Electronics B39202B9477P810 Datasheet HTML 6Page - TDK Electronics B39202B9477P810 Datasheet HTML 7Page - TDK Electronics B39202B9477P810 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
August 16, 2012
B9477
1960.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Filter
Data sheet
Maximum ratings
Operable temperature range T
–30/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input Power at PCS Tx band PIN
16
dBm
CW signal @ T=55˚C, 2000h


Similar Part No. - B39202B9477P810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39202B9477P810 EPCOS-B39202B9477P810 Datasheet
103Kb / 8P
   SAW Filter PCS / WCDMA band II
More results

Similar Description - B39202B9477P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39162B3923U410 TDK-B39162B3923U410 Datasheet
121Kb / 8P
   SAW Components SAW filter
B39431B3933H110 TDK-B39431B3933H110 Datasheet
110Kb / 10P
   SAW Components SAW filter
B39431B3743H110 TDK-B39431B3743H110 Datasheet
111Kb / 10P
   SAW Components SAW filter
B39431B3748H110 TDK-B39431B3748H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39311B3713U410 TDK-B39311B3713U410 Datasheet
86Kb / 8P
   SAW Components SAW filter
B39321B3719H110 TDK-B39321B3719H110 Datasheet
98Kb / 9P
   SAW Components SAW filter
B39321B3741H110 TDK-B39321B3741H110 Datasheet
112Kb / 10P
   SAW Components SAW filter
B39451B3737H110 TDK-B39451B3737H110 Datasheet
126Kb / 11P
   SAW Components SAW filter
B39262B8804P810 TDK-B39262B8804P810 Datasheet
119Kb / 8P
   SAW Components SAW filter
B39242B3912U410 TDK-B39242B3912U410 Datasheet
97Kb / 9P
   SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com