Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39202B9477P810 Datasheet(PDF) 2 Page - TDK Electronics

Part # B39202B9477P810
Description  SAW Components SAW Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39202B9477P810 Datasheet(HTML) 2 Page - TDK Electronics

  B39202B9477P810 Datasheet HTML 1Page - TDK Electronics B39202B9477P810 Datasheet HTML 2Page - TDK Electronics B39202B9477P810 Datasheet HTML 3Page - TDK Electronics B39202B9477P810 Datasheet HTML 4Page - TDK Electronics B39202B9477P810 Datasheet HTML 5Page - TDK Electronics B39202B9477P810 Datasheet HTML 6Page - TDK Electronics B39202B9477P810 Datasheet HTML 7Page - TDK Electronics B39202B9477P810 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
August 16, 2012
B9477
1960.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Filter
Data sheet
Application
s
Low-loss RF filter for mobile telephone
PCS systems, receive path (RX)
s
Useable passband 60 MHz
s
Useable for antenna diversity systems
s
Suitable for GPRS class 1 to 12
Features
s
Package size 1.4 x 1.1 mm2
s
max. Package height 0.45 mm
s
RoHS compatible
s
Approximate weight 0.003 g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Moisture Sensitive Level 3
1.4
4
5
23
0.25
0.5
0.5
bottom view
side view
top view
4
5
3
2
Pin configuration
s
1
Input unbalanced
s
4
Output unbalanced
s
2,3,5
To be grounded
1
4
3
2,5


Similar Part No. - B39202B9477P810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39202B9477P810 EPCOS-B39202B9477P810 Datasheet
103Kb / 8P
SAW Filter PCS / WCDMA band II
More results

Similar Description - B39202B9477P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39162B3923U410 TDK-B39162B3923U410 Datasheet
121Kb / 8P
SAW Components SAW filter
B39431B3933H110 TDK-B39431B3933H110 Datasheet
110Kb / 10P
SAW Components SAW filter
B39431B3743H110 TDK-B39431B3743H110 Datasheet
111Kb / 10P
SAW Components SAW filter
B39431B3748H110 TDK-B39431B3748H110 Datasheet
114Kb / 10P
SAW Components SAW filter
B39311B3713U410 TDK-B39311B3713U410 Datasheet
86Kb / 8P
SAW Components SAW filter
B39321B3719H110 TDK-B39321B3719H110 Datasheet
98Kb / 9P
SAW Components SAW filter
B39321B3741H110 TDK-B39321B3741H110 Datasheet
112Kb / 10P
SAW Components SAW filter
B39451B3737H110 TDK-B39451B3737H110 Datasheet
126Kb / 11P
SAW Components SAW filter
B39262B8804P810 TDK-B39262B8804P810 Datasheet
119Kb / 8P
SAW Components SAW filter
B39242B3912U410 TDK-B39242B3912U410 Datasheet
97Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com