Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39741B4414P810 Datasheet(PDF) 4 Page - TDK Electronics

Part # B39741B4414P810
Description  SAW Components SAW Duplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39741B4414P810 Datasheet(HTML) 4 Page - TDK Electronics

  B39741B4414P810 Datasheet HTML 1Page - TDK Electronics B39741B4414P810 Datasheet HTML 2Page - TDK Electronics B39741B4414P810 Datasheet HTML 3Page - TDK Electronics B39741B4414P810 Datasheet HTML 4Page - TDK Electronics B39741B4414P810 Datasheet HTML 5Page - TDK Electronics B39741B4414P810 Datasheet HTML 6Page - TDK Electronics B39741B4414P810 Datasheet HTML 7Page - TDK Electronics B39741B4414P810 Datasheet HTML 8Page - TDK Electronics B39741B4414P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
October 01, 2014
B4414
707.0 / 742.0 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data sheet
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
ANT terminating impedance:
ZANT =
50
Ω || 12 nH
RX terminating impedance:
ZRX =
50
Ω || 25 nH
TX terminating impedance:
ZTX =
50
Ω || 20 nH
Characteristics RX - ANT
min.
typ.
@ 25˚C
max.
Center frequency
fC
742.0
MHz
Maximum insertion attenuation
α
max
728.0
...
756.0
MHz
2.1
3.0
dB
Amplitude ripple (p-p)
∆α
728.0
...
756.0
MHz
0.9
1.9
dB
VSWR
RX port
728.0
...
756.0
MHz
1.8
2.1
ANT port
728.0
...
756.0
MHz
1.7
2.1
Attenuation
α
100.0
...
698.0
MHz
50
62
dB
698.0
...
716.0
MHz
48
55
dB
780.0
...
784.0
MHz
34
42
dB
784.0
...
824.0
MHz
40
46
dB
824.0
... 2864.0
MHz
40
50
dB


Similar Part No. - B39741B4414P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39741B4413P810 TDK-B39741B4413P810 Datasheet
179Kb / 10P
   SAW Components SAW Duplexer
More results

Similar Description - B39741B4414P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B8522P810 TDK-B39202B8522P810 Datasheet
347Kb / 13P
   SAW Components SAW Duplexer
B39212B8524P810 TDK-B39212B8524P810 Datasheet
274Kb / 18P
   SAW Components SAW Duplexer
B39202B8607P810 TDK-B39202B8607P810 Datasheet
210Kb / 12P
   SAW Components SAW Duplexer
B39202B8618P810 TDK-B39202B8618P810 Datasheet
350Kb / 13P
   SAW Components SAW Duplexer
B39212B8651P810 TDK-B39212B8651P810 Datasheet
388Kb / 17P
   SAW Components SAW Duplexer
B39851B8581P810 TDK-B39851B8581P810 Datasheet
229Kb / 12P
   SAW Components SAW Duplexer
B39741B4407P810 TDK-B39741B4407P810 Datasheet
182Kb / 11P
   SAW Components SAW Duplexer
B39851B8633P810 TDK-B39851B8633P810 Datasheet
178Kb / 12P
   SAW Components SAW Duplexer
B39791B7929P810 TDK-B39791B7929P810 Datasheet
197Kb / 11P
   SAW Components SAW Duplexer
B39741B8526P810 TDK-B39741B8526P810 Datasheet
239Kb / 15P
   SAW Components SAW Duplexer
B39741B8570P810 TDK-B39741B8570P810 Datasheet
225Kb / 13P
   SAW Components SAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com