Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC802ALP3E Datasheet(PDF) 1 Page - Analog Devices

Part # HMC802ALP3E
Description  20 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC802ALP3E Datasheet(HTML) 1 Page - Analog Devices

  HMC802ALP3E Datasheet HTML 1Page - Analog Devices HMC802ALP3E Datasheet HTML 2Page - Analog Devices HMC802ALP3E Datasheet HTML 3Page - Analog Devices HMC802ALP3E Datasheet HTML 4Page - Analog Devices HMC802ALP3E Datasheet HTML 5Page - Analog Devices HMC802ALP3E Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
HMC802ALP3E
v01.0316
20 dB GaAs MMIC 1-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
Functional Diagram
Electrical Specifications, T
A = +25° C, With Vdd = +5V & Vctl = 0/+5V
The HMC802ALP3E is ideal for both RF
and IF applications:
• Test Equipment and Sensors
• ISM, MMDS, WLAN, WiMAX, WiBro
• Microwave Radio & VSAT
• Cellular Infrastructure
± 0.6 dB Typical Step Error
Low Insertion Loss: 3 dB
High IP3: +55 dBm
Single Control Line
TTL/CMOS Compatible Control
Single +5V Supply
16 Lead 3x3mm SMT Package: 9mm²
The HMC802ALP3E is a broadband bidirectional 1-bit
GaAs IC digital attenuator in a low cost leadless sur-
face mount package. This single positive control line
digital attenuator utilizes off chip AC ground capac-
itors for near DC operation, making it suitable for a
wide variety of RF and IF applications. Covering DC
to 10 GHz, the insertion loss is less than 3 dB typical
and attenuation accuracy is excellent at ±0.6 dB typ-
ical. The attenuator also features a high IIP3 of +55
dBm. One TTL/CMOS control input is used to select
the attenuation state and a single Vdd bias of +5V is
required.
Parameter
Frequency (GHz)
Min.
Typ.
Max.
Units
Insertion Loss
DC - 4 GHz
4 - 8 GHz
8 - 10 GHz
0.9
1.5
2.5
1.7
2.8
3.5
dB
dB
dB
Attenuation Range
DC - 10 GHz
20
dB
Return Loss (RF1 & RF2, Both States)
DC - 6 GHz
6 - 10 GHz
25
15
dB
dB
Attenuation Accuracy: (Referenced to Insertion Loss)1
DC - 6 GHz
6 - 8 GHz
8 - 10 GHz
-1.0
-2.0
-2.6
-0.6/+0.5
-1.6/+0.5
-2.3/+0.8
+0.6
+0.6
+1.2
dB
dB
Input Power for 0.1 dB Compression
DC - 10 GHz
27
dBm
Input Third Order Intercept Point
(Two-Tone Input Power= 14 dBm Each Tone)
DC - 10 GHz
55
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 10 GHz
70
90
ns
ns
1. STEP SIZE IS 20DB FOR ALL FREQUENCY
Typical Applications
Features
General Description


Similar Part No. - HMC802ALP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC802LP3E HITTITE-HMC802LP3E Datasheet
486Kb / 6P
   20 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
More results

Similar Description - HMC802ALP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC802LP3E HITTITE-HMC802LP3E Datasheet
486Kb / 6P
   20 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
HMC800LP3E HITTITE-HMC800LP3E Datasheet
480Kb / 6P
   10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
HMC801LP3E HITTITE-HMC801LP3E Datasheet
482Kb / 6P
   15 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
HMC541LP3 HITTITE-HMC541LP3_08 Datasheet
182Kb / 6P
   10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5 GHz
HMC541LP3 HITTITE-HMC541LP3 Datasheet
265Kb / 6P
   10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5.0 GHz
HMC470LP3 HITTITE-HMC470LP3 Datasheet
393Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC540LP3 HITTITE-HMC540LP3_08 Datasheet
223Kb / 6P
   1 dB LSB GaAs MMIC 4-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
HMC470LP3 HITTITE-HMC470LP3_08 Datasheet
269Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
HMC468LP3 HITTITE-HMC468LP3_08 Datasheet
225Kb / 6P
   1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
HMC468LP3 HITTITE-HMC468LP3 Datasheet
206Kb / 6P
   1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com