Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMI-AU-3 Datasheet(PDF) 2 Page - CUI INC

Part # SMI-AU-3
Description  AUSTRALIA BLADE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SMI-AU-3 Datasheet(HTML) 2 Page - CUI INC

  SMI-AU-3 Datasheet HTML 1Page - CUI INC SMI-AU-3 Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
date 03/09/2016
│ page 2 of 2
CUI Inc
│ MODEL: SMI-AU-3 │ DESCRIPTION: AUSTRALIA BLADE
CUI offers a one (1) year limited warranty. Complete warranty information is listed on our website.
CUI reserves the right to make changes to the product at any time without notice. Information provided by CUI is believed to be accurate and reliable. However, no responsibility is
assumed by CUI for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical component is any component of a
life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
rev.
description
date
1.0
initial release
03/09/2016
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY


Similar Part No. - SMI-AU-3

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI-AU-3 CUI-SMI-AU-3 Datasheet
371Kb / 2P
AUSTRALIA BLADE
06/20/2019
SMI-AU-3L CUI-SMI-AU-3L Datasheet
391Kb / 2P
AUSTRALIA BLADE
SMI-AU-3L-W CUI-SMI-AU-3L-W Datasheet
347Kb / 2P
AUSTRALIA BLADE
12/15/2020
SMI-AU-3 CUI-SMI-AU-3_V01 Datasheet
371Kb / 2P
AUSTRALIA BLADE
06/20/2019
More results

Similar Description - SMI-AU-3

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI-AU-1 CUI-SMI-AU-1 Datasheet
230Kb / 2P
AUSTRALIA BLADE
SMI-AU-3L CUI-SMI-AU-3L Datasheet
391Kb / 2P
AUSTRALIA BLADE
AC-C13-AU CUI-AC-C13-AU Datasheet
96Kb / 2P
3 PRONG AC CORD, AUSTRALIA
logo
Phihong USA Inc.
PSM03S-050Q-3W-R PHIHONG-PSM03S-050Q-3W-R Datasheet
80Kb / 2P
2.75W Compact Fixed Blade Charger (Australia/New Zealand) Level V Efficient USB Adapter
logo
CUI INC
SMI-AU-5 CUI-SMI-AU-5 Datasheet
176Kb / 2P
AUSTRALIA BLADE
SMI-AU-3L-W CUI-SMI-AU-3L-W Datasheet
347Kb / 2P
AUSTRALIA BLADE
12/15/2020
SMI-AU-3 CUI-SMI-AU-3_V01 Datasheet
371Kb / 2P
AUSTRALIA BLADE
06/20/2019
SMI-AU-5W CUI-SMI-AU-5W Datasheet
174Kb / 2P
AUSTRALIA BLADE
11/20/2020
SMI-AU-1 CUI-SMI-AU-1_V01 Datasheet
253Kb / 2P
AUSTRALIA BLADE
03/17/2020
logo
CUI Devices
AC-C13AU CUID-AC-C13AU Datasheet
267Kb / 2P
3 PRONG AC CORD, AUSTRALIA
10/25/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com