Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U352-000-MD-AL Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # U352-000-MD-AL
Description  USB 3.0 SuperSpeed Multi-Drive Memory Card Reader/Writer, Aluminum Case
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U352-000-MD-AL Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  U352-000-MD-AL Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U352-000-MD-AL Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Supports USB 3.0 data transfer rates up to 5 Gbps
Backward compatible with previous USB generations
Plug-and-Play Convenience
No software, drivers or external power supply required
Compact case made from lightweight aluminum
Fits easily into your pocket, backpack, briefcase or laptop bag
Compatible with all USB-enabled operating systems
Compatible with Wide Range of Memory Cards
SD Cards: Secure Digital (SD), Elite Pro SD, Extreme III SD, Gaming Edition SD, Platinum II SD, SD Pro, SDHC, SDXC, SD-Max, SD-Pleomax, SD-Pro
C, Super SD, Turbo SD, Ultima I SD, Ultima II SD, Ultimate SD, Ultra High Speed SD, Ultra II SD, Ultra II SD Plus, Ultra SD, Ultra-X SD, DV-RS MMC,
High Speed MMC/RS-MMC, MCCmobile, MMC Pro, MMCplus, MMCplus Turbo, RS-MMC
Micro SD Cards: MicroSD (TransFlash), microSDHC
CF Cards: CompactFlash Type I/II, CF Elite Pro, CF PRO I, CF PRO II, CF Turbo, CF Ultima I, CF Ultima II, Extreme CF, Extreme III CF, HS CF, Ultra II
CF
Specifications
CONNECTIONS
Connector A
USB 3.0 A (MALE)
Connector B
USB 3.0 A (MALE)
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
© 2016 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2


Similar Part No. - U352-000-MD-AL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U352000MD TRIPPLITE-U352000MD Datasheet
484Kb / 2P
   USB 3.0 SuperSpeed Multi Drive Smart Card Flash Memory Media Reader-Writer
U352000SDR TRIPPLITE-U352000SDR Datasheet
492Kb / 2P
   USB 3.0 SuperSpeed SDXC Memory Card Media Reader-Writer
logo
Unisonic Technologies
U3525 UTC-U3525 Datasheet
288Kb / 9P
   REGULATING PWM IC
logo
E-Tech Electronics LTD
U3525 ETL-U3525 Datasheet
294Kb / 9P
   REGULATING PWM IC
logo
Unisonic Technologies
U3525 UTC-U3525 Datasheet
294Kb / 10P
   REGULATING PWM IC
More results

Similar Description - U352-000-MD-AL

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GFR381 IOGEAR-GFR381 Datasheet
145Kb / 3P
   SuperSpeed USB 3.0 Multi-Card Reader/Writer
logo
Tripp Lite. All Rights ...
U352000MD TRIPPLITE-U352000MD Datasheet
484Kb / 2P
   USB 3.0 SuperSpeed Multi Drive Smart Card Flash Memory Media Reader-Writer
U352000SDR TRIPPLITE-U352000SDR Datasheet
492Kb / 2P
   USB 3.0 SuperSpeed SDXC Memory Card Media Reader-Writer
logo
IOGEAR
GFR304SD IOGEAR-GFR304SD Datasheet
147Kb / 3P
   SuperSpeed USB 3.0 SD/Micro SD Card Reader / Writer
logo
Mitsumi Electronics, Co...
CKM-E81 MITSUMI-CKM-E81 Datasheet
185Kb / 2P
   USB Hub with Memory Card Reader/Writer
logo
Tripp Lite. All Rights ...
U452-003 TRIPPLITE-U452-003 Datasheet
508Kb / 3P
   USB 3.1 Gen 1 USB Type-C (USB-C) Multi-Drive Smart-Card Flash-Memory Media Reader/Writer
logo
GENESYS LOGIC
GL3220 GENESYS-GL3220 Datasheet
117Kb / 6P
   USB 3.0 Multi-Slot Memory Card Reader Controller Product Overview
logo
IOGEAR
GFR281 IOGEAR-GFR281 Datasheet
246Kb / 3P
   56-in-1 Memory Card Reader/Writer
logo
A-Data Technology
HV100 A-DATA-HV100 Datasheet
266Kb / 1P
   SuperSpeed USB 3.0
logo
GENESYS LOGIC
GL3224 GENESYS-GL3224 Datasheet
691Kb / 25P
   USB 3.0 Dual/Single LUN Memory Card Reader Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com