Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5C3303 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI5C3303
Description  SOTiny 2:1 Mux/DeMux Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3303 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5C3303_09 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3303_09 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3303_09 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3303_09 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3303_09 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PS8367F
10/26/09
PI5C3303
SOTiny2:1 Mux/DeMux Bus Switch
Packaging Mechanical: 6-Pin Plastic SOT23 (T)
Ordering Information
Ordering Code
Package Code
Package Description
PI5C3303TEX
T
Pb-free & Green, 6-Pin Plastic SOT23
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Notes:
Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
E = Pb-free & Green
X suffix = Tape/Reel
DESCRIPTION: 6-pin, Small Outline Transistor Plastic Package (SOT23)
PACKAGE CODE: T (T6)
DOCUMENT CONTROL #: PD-1912
REVISION: C
DATE: 10/19/09
09-0131
Note:
• For latest package info, please check: http://www.pericom.com/products/packaging/mechanicals.php
09-0001


Similar Part No. - PI5C3303_09

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3303TEX PERICOM-PI5C3303TEX Datasheet
305Kb / 5P
   SOTiny??2:1 Mux/DeMux Bus Switch
PI5C3303TX PERICOM-PI5C3303TX Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
PI5C3303TX PERICOM-PI5C3303TX Datasheet
305Kb / 5P
   SOTiny??2:1 Mux/DeMux Bus Switch
More results

Similar Description - PI5C3303_09

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
305Kb / 5P
   SOTiny??2:1 Mux/DeMux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
   12-Channel, 2:1 Mux/DeMux Bus Switch
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
   3.3V, Quad 2:1 Mux/Demux Bus Switch
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
   3:1 Mux/DeMux Bus Switch
PI5C3309 PERICOM-PI5C3309 Datasheet
52Kb / 3P
   3:1 Mux/Demux Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com