Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3USB302-AZBE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3USB302-AZBE
Description  3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB302-AZBE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3USB302-AZBE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB302-AZBE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB302-AZBE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB302-AZBE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB302-AZBE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB302-AZBE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB302-AZBE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB302-AZBE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB302-AZBE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.pericom.com
06/17/15
All trademarks are property of their respective owners.
PI3USB302-A
3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
Differential Insertion Loss
Differential Return Loss
15-0076


Similar Part No. - PI3USB302-AZBE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
   3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
PI3USB304ZHE PERICOM-PI3USB304ZHE Datasheet
1Mb / 9P
   3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
logo
Diodes Incorporated
PI3USB30532 DIODES-PI3USB30532 Datasheet
414Kb / 1P
   3.3V, USB3.0/DP1.2 6:4 Matrix Switch
More results

Similar Description - PI3USB302-AZBE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2USB4122 PERICOM-PI2USB4122 Datasheet
1Mb / 6P
   USB 3.0, 4:1 Mux/DeMux Switch
PI2USB3212 PERICOM-PI2USB3212_14 Datasheet
894Kb / 8P
   5.0Gbps USB 3.0 Compatible 2:1 Mux/DeMux Switch
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Pericom Semiconductor C...
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
   3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415_13 Datasheet
1Mb / 10P
   3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
   3.3V, Quad 2:1 Mux/Demux Bus Switch
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
   Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Pericom Semiconductor C...
PI3PCIE2215 PERICOM-PI3PCIE2215 Datasheet
409Kb / 10P
   3.3V, PCI Express 1-lane, 2:1 Mux/DeMux Switch
logo
Potato Semiconductor Co...
PO3B402A POTATO-PO3B402A Datasheet
568Kb / 6P
   4-Port 2-Channel, 2:1 Mux/DeMux Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com