Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT10000-S Datasheet(PDF) 1 Page - LEM

Part # LT10000-S
Description  Current Transducer LT 10000-S
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LT10000-S Datasheet(HTML) 1 Page - LEM

  LT10000-S Datasheet HTML 1Page - LEM LT10000-S Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Current Transducer LT 10000-S
For the electronic measurement of currents : DC, AC, pulsed...,
with a galvanic isolation between the primary circuit (high power)
and the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal r.m.s. current
10000
A
I
P
Primary current, measuring range (1 s /mn)
0 .. ± 15000
A
R
M
Measuring resistance
R
M min
R
M max
with ± 48 V
@ ± 10000 A
max
0
8
@ ± 12000 A
max
0
1
with ± 60 V
@ ± 10000 A
max
0
20
@ ± 15000 A
max
0
1.5
I
SN
Secondary nominal r.m.s. current
1
A
K
N
Conversion ratio
1 : 10000
V
C
Supply voltage (± 5 %)
± 48 .. 60
V
I
C
Current consumption
40 (@ ± 60 V)+ I
S mA
V
d
R.m.s. voltage for AC isolation test, 50 Hz, 1 mn
10 1)
kV
1 2)
kV
Accuracy - Dynamic performance data
X
G
Overall accuracy @ I
PN , TA = 25°C
± 0.3
%
ε
L
Linearity
< 0.1
%
Typ
Max
I
O
Offset current @ I
P = 0, TA = 25°C
± 1.5
mA
I
OT
Thermal drift of I
O
- 25°C .. + 70°C
± 0.6
± 0.8
mA
t
r
Response time 3) @ 90 % of I
P max
< 1
µs
di/dt
di/dt accurately followed
> 50
A/µs
f
Frequency bandwidth (- 1 dB)
DC .. 100
kHz
General data
T
A
Ambient operating temperature
- 25 .. + 70
°C
T
S
Ambient storage temperature
- 40 .. + 85
°C
R
S
Secondary coil resistance @ T
A = 70°C
35
m
Mass
17
kg
Standards 4)
EN 50178
Notes : 1) Between primary and secondary + shield
2) Between secondary and shield
3) With a di/dt of 100 A/µs
4) A list of corresponding tests is available
Features
Closed loop (compensated) current
transducer using the Hall effect
Insulated case.
Advantages
Excellent accuracy
Very good linearity
Low temperature drift
Optimized response time
Wide frequency bandwidth
No insertion losses
High immunity to external
interference
Current overload capability.
Applications
AC variable speed drives and servo
motor drives
Static converters for DC motor drives
Battery supplied applications
Uninterruptible Power Supplies
(UPS)
Switched Mode Power Supplies
(SMPS)
Power supplies for welding
applications.
I
PN
=
10000 A
980708/6
LEM Components
ww w .lem.com


Similar Part No. - LT10000-S

ManufacturerPart #DatasheetDescription
logo
LEM
LT10000-S LEM-LT10000-S Datasheet
46Kb / 2P
   Current Transducer
LT10000-S LEM-LT10000-S_03 Datasheet
46Kb / 2P
   Current Transducer
More results

Similar Description - LT10000-S

ManufacturerPart #DatasheetDescription
logo
LEM
LT505-S LEM-LT505-S Datasheet
66Kb / 2P
   Current Transducer LT 505-S
LT1005-S LEM-LT1005-S Datasheet
66Kb / 2P
   Current Transducer LT 1005-S
LT4000-S LEM-LT4000-S Datasheet
79Kb / 2P
   Current Transducer LT 4000-S
LT2005-S LEM-LT2005-S Datasheet
68Kb / 2P
   Current Transducer LT 2005-S
LT100-P LEM-LT100-P Datasheet
721Kb / 3P
   Current Transducer LT 100-P
logo
M-System Co.,Ltd.
LTHZ MSYSTEM-LTHZ Datasheet
107Kb / 3P
   Power Transducer Series LT-UNIT
LTRPN MSYSTEM-LTRPN Datasheet
125Kb / 3P
   Power Transducer Series LT-UNIT
LTPA MSYSTEM-LTPA Datasheet
118Kb / 3P
   Power Transducer Series LT-UNIT
LTPAUN MSYSTEM-LTPAUN Datasheet
115Kb / 3P
   Power Transducer Series LT-UNIT
LTPAN MSYSTEM-LTPAN Datasheet
114Kb / 3P
   Power Transducer Series LT-UNIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com