![]() |
Electronic Components Datasheet Search |
|
B020-U08-19KTAA Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved |
|
|
B020-U08-19KTAA Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved |
3 / 4 page ![]() Unit Dimensions (hwd / in.) 1.75 x 17 x 27 Unit Dimensions (hwd / cm) 4.45 x 43.18 x 68.58 Unit Weight (lbs.) 30.6 Unit Weight (kg) 13.88 Included Mounting Accessories Yes Color Black LCD Monitor (in.) 19 LCD Monitor (cm) 48.26 ENVIRONMENTAL Storage Temperature Range -4 Degrees F to 140 degrees F (-20 to +60 C) Relative Humidity 0 to 80% RH, Non-condensing Operating Temperature 32 Degrees F to 120 Degrees F (0 to 50 C) COMMUNICATIONS Port Control Push Buttons, Hotkeys, OSD IP Remote Access No CONNECTIONS Ports 8 Computer/Server Ports (x8) HD18 (Female) Firmware Upgrade Port RJ45 Female PC/Server Connections PS/2 Included Cable (Side A) - Connector 1 HD18 Male Included Cable (Side B) - Connector 1 HD15 Male Included Cable (Side B) - Connector 2 PS/2 Male Included Cable (Side B) - Connector 3 PS/2 Male Included Cable (Side B) - Connector 4 USB A Male Other Ports - Port 1 USB A for Optional USB Keyboard/Mouse connection Other Ports - Port 2 USB A for USB peripheral connection (e.g. Flash drive) Remote Console Port PS2/USB Combo Console Cable Kit w/VGA, (x2) PS2 & (x2) USB Female connectors SPECIAL FEATURES Cat5 KVM Switch No 3 / 4 |
Similar Part No. - B020-U08-19KTAA |
|
Similar Description - B020-U08-19KTAA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |