Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B020-U08-19-IP Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B020-U08-19-IP
Description  NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD and IP Remote Access
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B020-U08-19-IP Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B020-U08-19-IP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B020-U08-19-IP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B020-U08-19-IP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B020-U08-19-IP Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NetDirector 8-Port 1U Rack-Mount Console KVM
Switch with 19-in. LCD and IP Remote Access
MODEL NUMBER: B020-U08-19-IP
Description
Tripp Lite’s B020-U08-19-IP KVM Switch gives you a rack-mountable keyboard, LCD and touchpad in a single
console that occupies only 1U of rack space. From across the room, down the street or halfway around the
globe, the B020-U08-19-IP can be accessed from any computer on the LAN, WAN or Internet. Easy to install
and use, it’s the optimal solution for controlling up to 8 computers/servers.
The B020-U08-19-IP has a built-in 19” LCD screen that supports video resolutions up to 1280 x 1024 @ 75Hz,
with remote monitor resolutions up to 1600 x 1200 @ 60Hz. You can switch easily between the 8 ports using
on-console push buttons, an on-screen display (OSD) or keyboard hot key commands. Up to 64 users can be
authorized with any combination of admins and users. Multi-level security enhances protection of data and
equipment.
This switch controls PS/2 or USB computers/servers using a P778-Series Combo KVM Cable Kit (two cable kits
are included). A USB port on the front of the keyboard lets you connect an external mouse, plus an external USB
1.1 port means you can add a peripheral that can be shared across all connected servers. When not in use, the
B020-U08-19-IP stores neatly in a rack drawer and pulls out when needed. This KVM console is compatible with
all major operating systems. Heavy-duty steel housing stands up to frequent use.
Features
Saves Space and Money
Combines 8-port KVM switch, 19-in. LCD screen, keyboard and touchpad in a 1U rack-mountable drawer –
ideal when rack space is at a premium
Mounts into 19”-wide rack, 26”-38” deep
Flip-up/fold-down screen keeps console from blocking access to rack equipment when not in use
IP Remote Access for Fewer Trips to the Server Room
Remote access offers convenience of controlling servers from anywhere…no need to travel to the server room
Highlights
Control computers/servers locally
or via LAN, WAN or Internet
Occupies just 1U of space in a
rack-mountable drawer
19” LCD screen supports video
resolutions up to 1280 x 1024
Allows up to 64 user accounts,
with multi-level security
Compatible with all operating
systems
System Requirements
Servers being connected to the
KVM must have a HD15 port,
and a USB port or PS/2
Keyboard/Mouse ports; a
P778-Series combo KVM cable
kit is required for each connected
computer
Computers that access the KVM
remotely should have at least a
Pentium III, 1GHz processor
If remote computer is accessing
the switch with Windows Client,
DirectX 7.0 or higher is needed; if
accessing the switch with Java
Client, Sun’s Java 2 (1.4.2 or
higher) runtime environment
must be installed
A network transfer speed of
128Kbps or higher is
recommended
Supports Internet Explorer,
Firefox, Mozilla, Safari, Chrome,
Opera and Netscape web
browsers
Compatible with all major
operating systems
Power consumption: 120V, 60Hz,
33.5W; 230V, 50Hz, 34W
Package Includes
B020-U08-19-IP 8-Port console
KVM switch with 19” LCD and
1 / 4


Similar Part No. - B020-U08-19-IP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B020-U08-19-K ETC2-B020-U08-19-K Datasheet
523Kb / 5P
   8-Port NetDirector 1U Rackmount Console KVM Switch w/19" LCD 8 PS2/USB Combo Cables
logo
Tripp Lite. All Rights ...
B020-U08-19-K TRIPPLITE-B020-U08-19-K Datasheet
175Kb / 4P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD 8 PS2/USB Combo Cables
More results

Similar Description - B020-U08-19-IP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B020U0819IP TRIPPLITE-B020U0819IP Datasheet
522Kb / 3P
   NetDirector 8-Port 1U Rack-Mount Console IP KVM Switch w-19-in. LCD
B020-016-17-IP TRIPPLITE-B020-016-17-IP Datasheet
174Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
B02001617IP TRIPPLITE-B02001617IP Datasheet
509Kb / 3P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD and IP Remote Access
B030-008-17-IP TRIPPLITE-B030-008-17-IP Datasheet
185Kb / 4P
   NetDirector 8-Port 1U Rack-Mount Console HDMI KVM Switch with 17 in. LCD and IP Remote Access, Dual Rail
B020-U16-19-IP TRIPPLITE-B020-U16-19-IP Datasheet
526Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console IP KVM Switch w/19 in. LCD
B030-DP08-17DIP TRIPPLITE-B030-DP08-17DIP Datasheet
90Kb / 4P
   NetDirector 8-Port DisplayPort KVM Switch Console with 17 in. LCD, IP Remote Access, Dual Rail, 1U Rack-Mount
B070-008-19-IP TRIPPLITE-B070-008-19-IP Datasheet
516Kb / 4P
   NetCommander 8-Port Cat5 1U Rack-Mount 1plus1 User Console KVM Switch with 19-in. LCD and IP Remote Access
B030-DP16-17DIP TRIPPLITE-B030-DP16-17DIP Datasheet
90Kb / 4P
   NetDirector 16-Port DisplayPort KVM Switch Console with 17 in. LCD, IP Remote Access, Dual Rail, 1U Rack-Mount
logo
List of Unclassifed Man...
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
logo
Tripp Lite. All Rights ...
B020-008-17 TRIPPLITE-B020-008-17 Datasheet
510Kb / 3P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com