Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B020-008-17 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B020-008-17
Description  NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B020-008-17 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B020-008-17 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B020-008-17 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B020-008-17 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Hot pluggable; add or remove computers without having to power down the switch
Auto-scan mode automatically sequences through all active ports that are accessible to the user
Large 17” LCD
Wide display makes multitasking easier
Supports video resolutions up to 1280 x 1024
DDC emulation allows the video settings of each computer to be automatically adjusted for optimal output to the LCD
Multi-Level Password Security
Enhances security by limiting access to an administrator and up to 4 local users
Two-level log-out allows for manual log-out or automatic log-out after a user-defined period of time has passed
Expandability and Long-Lasting Reliability
Includes additional HD15 VGA monitor port and PS/2 keyboard/mouse ports for connecting an external console or a Tripp Lite B051-000 IP Remote
Access Unit
Compatible with all major operating systems for easy integration into your existing structure(special keys on Mac and Sun keyboards are not supported)
Firmware is easily upgradable with included cable and utility
Heavy-duty steel housing stands up to frequent use
Specifications
OVERVIEW
Users
1
Console
Yes
Max CPU
8
Shipping Weight
47.4 lbs.
INPUT
Nominal Input Voltage(s) Supported
100V AC; 110V AC; 115V AC; 120V AC; 127V AC; 140V AC; 200V AC; 208V AC; 220V AC; 230V AC; 240V AC
Input Frequency
50/60Hz
Input Current
120V (0.8A) / 230V (0.4A)
PHYSICAL
Unit Dimensions (hwd / in.)
1.75 x 16.75 x 24
Unit Dimensions (hwd / cm)
4.45 x 42.55 x 60.96
Color
Black
LCD Monitor (in.)
17
LCD Monitor (cm)
43.18
ENVIRONMENTAL
Relative Humidity
0% TO 80% RH
2 / 3


Similar Part No. - B020-008-17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B020-016-17 ETC2-B020-016-17 Datasheet
515Kb / 5P
16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD
logo
Tripp Lite. All Rights ...
B020-016-17 TRIPPLITE-B020-016-17 Datasheet
170Kb / 4P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
logo
List of Unclassifed Man...
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
logo
Tripp Lite. All Rights ...
B020-016-17-IP TRIPPLITE-B020-016-17-IP Datasheet
174Kb / 4P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
More results

Similar Description - B020-008-17

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B02000817 TRIPPLITE-B02000817 Datasheet
508Kb / 3P
NetDirector 8-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD
B020-016-17 TRIPPLITE-B020-016-17 Datasheet
170Kb / 4P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
B02001617 TRIPPLITE-B02001617 Datasheet
504Kb / 3P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD
B030-DP08-17D TRIPPLITE-B030-DP08-17D Datasheet
88Kb / 4P
8-Port NetDirector DisplayPort KVM Switch Console with 17 in. LCD, Dual Rail, 1U Rack- Mount
B030-DP16-17D TRIPPLITE-B030-DP16-17D Datasheet
89Kb / 4P
NetDirector 16-Port DisplayPort KVM Switch Console with 17 in. LCD, Dual Rail, 1U Rack- Mount
B020U0819IP TRIPPLITE-B020U0819IP Datasheet
522Kb / 3P
NetDirector 8-Port 1U Rack-Mount Console IP KVM Switch w-19-in. LCD
B020-016-17-IP TRIPPLITE-B020-016-17-IP Datasheet
174Kb / 4P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
B030-DP08-17DIP TRIPPLITE-B030-DP08-17DIP Datasheet
90Kb / 4P
NetDirector 8-Port DisplayPort KVM Switch Console with 17 in. LCD, IP Remote Access, Dual Rail, 1U Rack-Mount
logo
List of Unclassifed Man...
B020-016-17 ETC2-B020-016-17 Datasheet
515Kb / 5P
16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD
logo
Tripp Lite. All Rights ...
B030-008-17-IP TRIPPLITE-B030-008-17-IP Datasheet
185Kb / 4P
NetDirector 8-Port 1U Rack-Mount Console HDMI KVM Switch with 17 in. LCD and IP Remote Access, Dual Rail
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com