Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B020-008-17 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B020-008-17
Description  NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B020-008-17 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B020-008-17 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B020-008-17 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B020-008-17 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NetDirector 8-Port 1U Rack-Mount Console KVM
Switch with 17-in. LCD
MODEL NUMBER: B020-008-17
Description
Tripp Lite’s B020-008-17 KVM Switch gives you a rack-mountable keyboard, LCD and touchpad in a single
console that occupies only 1U of rack space. Easy to install and use, it’s the optimal solution for controlling up to
8 computers/servers.
The B020-008-17 has a built-in 17” LCD screen that supports video resolutions up to 1280 x 1024. You can
switch easily between the 8 ports using on-console push buttons, an on-screen display(OSD) or keyboard hot
key commands. Multi-level password security can be set up for an administrator and up to 4 local users to
ensure only those with authorization can access the connected computers.
This switch controls PS/2 or USB computers/servers using a P774-Series(PS/2) or P776-Series(USB) KVM
Cable Kit(one of each is included). An extra HD15 port allows an additional VGA monitor to be connected. Two
PS/2 ports also are included on the rear of the unit to allow for connection of a Tripp Lite B051-000 IP Remote
Access Unit or an external console. When not in use, the B020-008-17 stores neatly in a rack drawer and pulls
out when needed. This KVM console is compatible with all major operating systems(special keys on Mac and
Sun keyboards are not supported). Heavy-duty steel housing stands up to frequent use.
Features
Saves Valuable Space and Money
Combines an 8-port KVM switch, 17" LCD screen, full keyboard and touchpad in a 1U rack-mountable drawer
Mounts into 19”-wide rack, 24”-37” deep
Gives you control of up to 8 computers/servers from a single, easily accessible console – ideal when rack space is at a premium
Flip-up/fold-down screen keeps the console from blocking access to rack equipment when not in use
Eliminates need to buy costly separate monitors, keyboards and mice for each computer/server
Simplifies IT Tasks
Switch quickly and easily between the 8 ports via on-console buttons, on-screen display or keyboard hot key commands
Hot pluggable; add or remove computers without having to power down the switch
Highlights
Occupies just 1U of space in a
rack-mountable drawer
17” LCD screen supports video
resolutions up to 1280 x 1024
Simplifies IT tasks with easy
switching between all 8 ports
Provides 2-level password
security (administrator and user)
Compatible with all operating
systems
System Requirements
PS/2 or USB computer
(1) P774-Series (PS/2) or
P776-Series (USB) KVM Cable
Kit is required for each
connected computer/server
Compatible with all major
operating systems (special keys
on Mac and Sun keyboards are
supported)
Power consumption: 120V, 60Hz,
22.8W; 230V, 50Hz, 24W
Package Includes
B020-008-17 8-Port Console
KVM Switch with 17" LCD
P774-Series 6 ft. PS/2 KVM
Cable Kit
P776-Series 6 ft. USB KVM
Cable Kit
C13 to 5-15P power cord
RJ11 to DB9 firmware upgrade
cable
Owner’s Manual CD
1 / 3


Similar Part No. - B020-008-17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B020-016-17 ETC2-B020-016-17 Datasheet
515Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD
logo
Tripp Lite. All Rights ...
B020-016-17 TRIPPLITE-B020-016-17 Datasheet
170Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
logo
List of Unclassifed Man...
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
logo
Tripp Lite. All Rights ...
B020-016-17-IP TRIPPLITE-B020-016-17-IP Datasheet
174Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
More results

Similar Description - B020-008-17

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B02000817 TRIPPLITE-B02000817 Datasheet
508Kb / 3P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD
B020-016-17 TRIPPLITE-B020-016-17 Datasheet
170Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
B02001617 TRIPPLITE-B02001617 Datasheet
504Kb / 3P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD
B030-DP08-17D TRIPPLITE-B030-DP08-17D Datasheet
88Kb / 4P
   8-Port NetDirector DisplayPort KVM Switch Console with 17 in. LCD, Dual Rail, 1U Rack- Mount
B030-DP16-17D TRIPPLITE-B030-DP16-17D Datasheet
89Kb / 4P
   NetDirector 16-Port DisplayPort KVM Switch Console with 17 in. LCD, Dual Rail, 1U Rack- Mount
B020U0819IP TRIPPLITE-B020U0819IP Datasheet
522Kb / 3P
   NetDirector 8-Port 1U Rack-Mount Console IP KVM Switch w-19-in. LCD
B020-016-17-IP TRIPPLITE-B020-016-17-IP Datasheet
174Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
B030-DP08-17DIP TRIPPLITE-B030-DP08-17DIP Datasheet
90Kb / 4P
   NetDirector 8-Port DisplayPort KVM Switch Console with 17 in. LCD, IP Remote Access, Dual Rail, 1U Rack-Mount
logo
List of Unclassifed Man...
B020-016-17 ETC2-B020-016-17 Datasheet
515Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD
logo
Tripp Lite. All Rights ...
B030-008-17-IP TRIPPLITE-B030-008-17-IP Datasheet
185Kb / 4P
   NetDirector 8-Port 1U Rack-Mount Console HDMI KVM Switch with 17 in. LCD and IP Remote Access, Dual Rail
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com