Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42RM16800F Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS42RM16800F
Description  Auto refresh and self refresh
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42RM16800F Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS42RM16800F Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
IS42RM16800F
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
Figure4: Mode Register Definition
BA0
BA1
WB
0
CAS Latency
BT
Burst Length
Address Bus
0
1
2
3
4
5
6
10
987
11
Mode Register (Mx)
00
0
0
12
13
0
M9
Write Burst Mode
0
Burst Read and Burst Write
1
Burst Read and Single Write
M3
Burst Type
0Sequential
1Interleave
M6
M5
M4
CAS Latency
000
Reserved
001
-
010
2
011
3
100
Reserved
101
Reserved
1
1
0
Reserved
M2
M1
M0
Burst Length
M3 = 0
M3 = 1
000
1
1
001
2
2
010
4
4
011
8
8
1
0
0
Reserved
Reserved
1
0
1
Reserved
Reserved
Burst Type
Accesses within a given burst may be programmed to be either sequential or interleaved; this is referred to as the burst type and is
selected via bit M3. The ordering of accesses within a burst is determined by the burst length, the burst type and the starting column
add ess as sho n in Table 3
1
1
0
Reserved
111
Reserved
1
0
1
Reserved
Reserved
1
1
0
Reserved
Reserved
111
Full Page
Reserved
Note: M13/M12(BA1/BA0) must be set to “0/0” to select Mode Register (vs. the Extended Mode Register)
address, as shown in Table 3.
Table 3: Burst Definition
Burst
Length
Starting Column
Address
Order of Access Within a Burst
Sequential
Interleaved
A2
A1
A0
2
00-1
0-1
11-0
1-0
Note :
1. For full-page accesses: y = 512
2. For a burst length of two, A1-A8 select the block-
of-two burst; A0 selects the starting column within the
4
0
0
0-1-2-3
0-1-2-3
0
1
1-2-3-0
1-0-3-2
1
0
2-3-0-1
2-3-0-1
11
3-0-1-2
3-2-1-0
00
0
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7
00
1
1-2-3-4-5-6-7-0
1-0-3-2-5-4-7-6
0
1
0
2-3-4-5-6-7-0-1
2-3-0-1-6-7-4-5
block.
3. For a burst length of four, A2-A8 select the block-
of-four burst; A0-A1 select the starting column within
the block.
4. For a burst length of eight, A3-A8 select the
block-of-eight burst; A0-A2 select the starting column
within the block.
5. For a full-page burst, the full row is selected and A0-A8
8
0
1
0
2 3 4 5 6 7 0 1
2 3 0 1 6 7 4 5
01
1
3-4-5-6-7-0-1-2
3-2-1-0-7-6-5-4
10
0
4-5-6-7-0-1-2-3
4-5-6-7-0-1-2-3
10
1
5-6-7-0-1-2-3-4
5-4-7-6-1-0-3-2
11
0
6-7-0-1-2-3-4-5
6-7-4-5-2-3-0-1
11
1
7-0-1-2-3-4-5-6
7-6-5-4-3-2-1-0
Full
n=A0 8
Cn, Cn+1. Cn+2,
select the starting column.
6. Whenever a boundary of the block is reached within a
given sequence above, the following access wraps
within the block.
7. For a burst length of one, A0-A8 select the unique
column to be accessed, and mode register bit M3 is
ignored.
6
Rev. A | July 2010
www.issi.com - DRAM@issi.com
Full
Page
n=A0-8
(Location 0-511)
Cn+3, Cn+4…
…Cn-1, Cn...
Not Supported


Similar Part No. - IS42RM16800F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42RM16800G-6BLI ISSI-IS42RM16800G-6BLI Datasheet
470Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42RM16800G-75BI ISSI-IS42RM16800G-75BI Datasheet
470Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42RM16800G-75BLI ISSI-IS42RM16800G-75BLI Datasheet
470Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42RM16800H-6BLI ISSI-IS42RM16800H-6BLI Datasheet
854Kb / 34P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42RM16800H-75BI ISSI-IS42RM16800H-75BI Datasheet
854Kb / 34P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
More results

Similar Description - IS42RM16800F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42SM16200D ISSI-IS42SM16200D Datasheet
477Kb / 33P
   Auto refresh and self refresh
IS42VM16160K ISSI-IS42VM16160K Datasheet
865Kb / 34P
   Auto refresh and self refresh
IS42SM32100D ISSI-IS42SM32100D Datasheet
839Kb / 33P
   Auto refresh and self refresh
IS42SMVM32200M ISSI-IS42SMVM32200M Datasheet
852Kb / 33P
   Auto refresh and self refresh
logo
Alliance Semiconductor ...
16MX16-DDR1-AS4C16M16D1A ALSC-16MX16-DDR1-AS4C16M16D1A Datasheet
2Mb / 64P
   Auto Refresh and Self Refresh
AS4C128M16D2 ALSC-AS4C128M16D2 Datasheet
2Mb / 75P
   Auto Refresh and Self Refresh
logo
Integrated Silicon Solu...
IS43R16160 ISSI-IS43R16160 Datasheet
1Mb / 37P
   Auto refresh and Self refresh
IS42VM16800G ISSI-IS42VM16800G Datasheet
470Kb / 33P
   Auto refresh and self refresh
IS42SM16800F ISSI-IS42SM16800F Datasheet
253Kb / 27P
   Auto refresh and self refresh
IS42VM32160E ISSI-IS42VM32160E Datasheet
881Kb / 33P
   Auto refresh and self refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com