Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42RM16800F Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS42RM16800F
Description  Auto refresh and self refresh
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42RM16800F Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS42RM16800F Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
IS42RM16800F
Table2: Pin Descriptions
Pin
Pin Name
Descriptions
Pin
Pin Name
Descriptions
CLK
System Clock
The system clock input. All other inputs are registered to the
SDRAM on the rising edge CLK.
CKE
Clock Enable
Controls internal clock signal and when deactivated, the SDRAM
will be one of the states among power down, suspend or self
refresh.
/CS
Chip Select
Enable or disable all inputs except CLK, CKE and DQM.
BA0 BA1
Bk Add
Selects bank to be activated during RAS activity.
BA0~BA1
Bank Address
ba
o b a
a d du g
a
y
Selects bank to be read/written during CAS activity.
A0~A11
Address
Row Address
: RA0~RA11
Column Address
: CA0~CA8
Auto Precharge
: A10
/RAS, /CAS, /WE
Row Address Strobe,
Column Address Strobe,
Write Enable
RAS, CAS and WE define the operation.
Refer function truth table for details.
Ct l
t t b ff
i
d
d
d
k i
t d t i
LDQM,UDQM
Data Input/Output Mask
Controls output buffers in read mode and masks input data in
write mode.
DQ0~DQ15
Data Input/Output
Data input/output pin.
VDD/VSS
Power Supply/Ground
Power supply for internal circuits and input buffers.
VDDQ/VSSQ
Data Output Power/Ground
Power supply for output buffers.
NC
No Connection
No connection.
3
Rev. A | July 2010
www.issi.com - DRAM@issi.com


Similar Part No. - IS42RM16800F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42RM16800G-6BLI ISSI-IS42RM16800G-6BLI Datasheet
470Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42RM16800G-75BI ISSI-IS42RM16800G-75BI Datasheet
470Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42RM16800G-75BLI ISSI-IS42RM16800G-75BLI Datasheet
470Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42RM16800H-6BLI ISSI-IS42RM16800H-6BLI Datasheet
854Kb / 34P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42RM16800H-75BI ISSI-IS42RM16800H-75BI Datasheet
854Kb / 34P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
More results

Similar Description - IS42RM16800F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42SM16200D ISSI-IS42SM16200D Datasheet
477Kb / 33P
   Auto refresh and self refresh
IS42VM16160K ISSI-IS42VM16160K Datasheet
865Kb / 34P
   Auto refresh and self refresh
IS42SM32100D ISSI-IS42SM32100D Datasheet
839Kb / 33P
   Auto refresh and self refresh
IS42SMVM32200M ISSI-IS42SMVM32200M Datasheet
852Kb / 33P
   Auto refresh and self refresh
logo
Alliance Semiconductor ...
16MX16-DDR1-AS4C16M16D1A ALSC-16MX16-DDR1-AS4C16M16D1A Datasheet
2Mb / 64P
   Auto Refresh and Self Refresh
AS4C128M16D2 ALSC-AS4C128M16D2 Datasheet
2Mb / 75P
   Auto Refresh and Self Refresh
logo
Integrated Silicon Solu...
IS43R16160 ISSI-IS43R16160 Datasheet
1Mb / 37P
   Auto refresh and Self refresh
IS42VM16800G ISSI-IS42VM16800G Datasheet
470Kb / 33P
   Auto refresh and self refresh
IS42SM16800F ISSI-IS42SM16800F Datasheet
253Kb / 27P
   Auto refresh and self refresh
IS42VM32160E ISSI-IS42VM32160E Datasheet
881Kb / 33P
   Auto refresh and self refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com