Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42RM16800F Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS42RM16800F
Description  Auto refresh and self refresh
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42RM16800F Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS42RM16800F Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
IS42RM16800F
CAS Latency
The CAS latency is the delay, in clock cycles, between the registration of a READ command and the availability of the first piece of
d
h l
b
h
lk
f
d
d
lk d
d h l
output data. The latency can beset to two or three clocks. If aREADcommand is registered at clock edgen,and the latency is
m
clocks, the data will be available by clock edge
n+ m. The DQs will start driving as a result of the clock edge one cycle earlier (n + m -
1), and provided that the relevant access times are met, the data will be valid by clock edge
n+ m. For example, assuming that the
clock cycle time is such that all relevant access times are met, if a READ command is registered at T0 and the latency is programmed to
two clocks, the DQs will start driving after T1 and the data will be valid by T2, as shown in Figure 6. Reserved states should not be used
as unknown operation or incompatibility with future versions may result.
CLK
COMMAND
NOP
NOP
T0
T1
T2
T3
READ
Figure6: CAS Latency
DQ
Dout
tLZ
tOH
tAC
CAS Latency=2
CLK
T0
T1
T2
T3
T4
CLK
COMMAND
DQ
NOP
NOP
Dout
tLZ
tOH
tAC
CAS Latency=3
NOP
READ
Operating Mode
The normal operating mode is selected by setting M7 and M8 to zero; the other combinations of values for M7 and M8 are reserved
DON’T CARE
UNDEFINED
for future use and/or test modes. The programmed burst length applies to both READ and WRITE bursts. Test modes and reserved
states should not be used because unknown operation or incompatibility with future versions may result.
Write Burst Mode
When M9 = 0, the burst length programmed via M0-M2 applies to both READ and WRITE bursts; when M9 = 1, the programmed
burst length applies to READ bursts, but write accesses are single-location (nonburst) accesses.
10
Rev. A | July 2010
www.issi.com - DRAM@issi.com


Similar Part No. - IS42RM16800F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42RM16800G-6BLI ISSI-IS42RM16800G-6BLI Datasheet
470Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42RM16800G-75BI ISSI-IS42RM16800G-75BI Datasheet
470Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42RM16800G-75BLI ISSI-IS42RM16800G-75BLI Datasheet
470Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42RM16800H-6BLI ISSI-IS42RM16800H-6BLI Datasheet
854Kb / 34P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42RM16800H-75BI ISSI-IS42RM16800H-75BI Datasheet
854Kb / 34P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
More results

Similar Description - IS42RM16800F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42SM16200D ISSI-IS42SM16200D Datasheet
477Kb / 33P
   Auto refresh and self refresh
IS42VM16160K ISSI-IS42VM16160K Datasheet
865Kb / 34P
   Auto refresh and self refresh
IS42SM32100D ISSI-IS42SM32100D Datasheet
839Kb / 33P
   Auto refresh and self refresh
IS42SMVM32200M ISSI-IS42SMVM32200M Datasheet
852Kb / 33P
   Auto refresh and self refresh
logo
Alliance Semiconductor ...
16MX16-DDR1-AS4C16M16D1A ALSC-16MX16-DDR1-AS4C16M16D1A Datasheet
2Mb / 64P
   Auto Refresh and Self Refresh
AS4C128M16D2 ALSC-AS4C128M16D2 Datasheet
2Mb / 75P
   Auto Refresh and Self Refresh
logo
Integrated Silicon Solu...
IS43R16160 ISSI-IS43R16160 Datasheet
1Mb / 37P
   Auto refresh and Self refresh
IS42VM16800G ISSI-IS42VM16800G Datasheet
470Kb / 33P
   Auto refresh and self refresh
IS42SM16800F ISSI-IS42SM16800F Datasheet
253Kb / 27P
   Auto refresh and self refresh
IS42VM32160E ISSI-IS42VM32160E Datasheet
881Kb / 33P
   Auto refresh and self refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com