Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42RM16800F Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS42RM16800F
Description  Auto refresh and self refresh
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42RM16800F Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS42RM16800F Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42RM16800F Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
IS42RM16800F
2M x 16Bits x 4Banks Mobile Synchronous DRAM
Description
These IS42RM16800F are mobile 134,217,728 bits CMOS Synchronous DRAM organized as 4 banks of 2,097,152 words x 16 bits. These
products are offering fully synchronous operation and are referenced to a positive edge of the clock. All inputs and outputs are
synchronized with the rising edge of the clock input. The data paths are internally pipelined to achieve high bandwidth. All input and
output voltage levels are compatible with LVCMOS.
JEDEC standard 2.5V power supply.
• Auto refresh and self refresh.
• All pins are compatible with LVCMOS interface.
•4K refresh cycle / 64ms.
• All inputs and outputs referenced to the positive edge of the
system clock.
• Data mask function by DQM.
• Internal 4 banks operation
Features
y/
• Programmable Burst Length and Burst Type.
- 1, 2, 4, 8 or Full Page for Sequential Burst.
- 4 or 8 for Interleave Burst.
• Programmable CAS Latency : 2,3 clocks.
• Programmable Driver Strength Control
- Full Strength or 1/2, 1/4 of Full Strength
• Deep Power Down Mode
• Internal 4 banks operation.
• Burst Read Single Write operation.
• Special Function Support.
- PASR(Partial Array Self Refresh)
- Auto TCSR(Temperature Compensated Self Refresh)
• Automatic precharge, includes CONCURRENT Auto Precharge
Mode and controlled Precharge.
• Deep Power Down Mode.
Copyright © 2010 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its
products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services
described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information
and before placing orders for products.
SS
f
f
f
f
1
Rev. A | July 2010
www.issi.com - DRAM@issi.com
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or
malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or
effectiveness. Products are not authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written assurance to
its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances


Similar Part No. - IS42RM16800F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42RM16800G-6BLI ISSI-IS42RM16800G-6BLI Datasheet
470Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42RM16800G-75BI ISSI-IS42RM16800G-75BI Datasheet
470Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42RM16800G-75BLI ISSI-IS42RM16800G-75BLI Datasheet
470Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42RM16800H-6BLI ISSI-IS42RM16800H-6BLI Datasheet
854Kb / 34P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42RM16800H-75BI ISSI-IS42RM16800H-75BI Datasheet
854Kb / 34P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
More results

Similar Description - IS42RM16800F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42SM16200D ISSI-IS42SM16200D Datasheet
477Kb / 33P
   Auto refresh and self refresh
IS42VM16160K ISSI-IS42VM16160K Datasheet
865Kb / 34P
   Auto refresh and self refresh
IS42SM32100D ISSI-IS42SM32100D Datasheet
839Kb / 33P
   Auto refresh and self refresh
IS42SMVM32200M ISSI-IS42SMVM32200M Datasheet
852Kb / 33P
   Auto refresh and self refresh
logo
Alliance Semiconductor ...
16MX16-DDR1-AS4C16M16D1A ALSC-16MX16-DDR1-AS4C16M16D1A Datasheet
2Mb / 64P
   Auto Refresh and Self Refresh
AS4C128M16D2 ALSC-AS4C128M16D2 Datasheet
2Mb / 75P
   Auto Refresh and Self Refresh
logo
Integrated Silicon Solu...
IS43R16160 ISSI-IS43R16160 Datasheet
1Mb / 37P
   Auto refresh and Self refresh
IS42VM16800G ISSI-IS42VM16800G Datasheet
470Kb / 33P
   Auto refresh and self refresh
IS42SM16800F ISSI-IS42SM16800F Datasheet
253Kb / 27P
   Auto refresh and self refresh
IS42VM32160E ISSI-IS42VM32160E Datasheet
881Kb / 33P
   Auto refresh and self refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com