Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT9-16S-2.54DSA05 Datasheet(PDF) 5 Page - Hirose Electric

Part # GT9-16S-2.54DSA05
Description  Developed for Equipment Exposed to Harsh Environmental Conditions
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT9-16S-2.54DSA05 Datasheet(HTML) 5 Page - Hirose Electric

  GT9-16S-2.54DSA05 Datasheet HTML 1Page - Hirose Electric GT9-16S-2.54DSA05 Datasheet HTML 2Page - Hirose Electric GT9-16S-2.54DSA05 Datasheet HTML 3Page - Hirose Electric GT9-16S-2.54DSA05 Datasheet HTML 4Page - Hirose Electric GT9-16S-2.54DSA05 Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
0.74
53.74
3
3
3
3
3
2.54
14.1
14.1
14.1
4.45
MDF92
GT9H
2.54 ±0.05
14.1 ±0.05
14.1 ±0.05
14.1 ±0.05
3 ±0.05
3 ±0.05
3 ±0.05
3 ±0.05
3 ±0.05
43.57 ±0.1
19-
φ1.2
+0.1
0
5-Row Type
BRecommended PCB Mounting Pattern
Part Number
CL No.
Item
Material
Finish
Housing
PBT
Color: Black
GT9H-19S-2.54DSA (01)
759-0023-7-01
DSA Terminal
Phosphor bronze
Contact area: Gold plating
Termination area: Tin plating
F Connectors


Similar Part No. - GT9-16S-2.54DSA05

ManufacturerPart #DatasheetDescription
logo
Metcal
GT90 METCAL-GT90 Datasheet
267Kb / 2P
GT Series Soldering Systems
logo
List of Unclassifed Man...
GT911 ETC1-GT911 Datasheet
1Mb / 23P
5-Point Capacitive Touch Controller for Small-Sized MID
GT9128 ETC-GT9128 Datasheet
297Kb / 8P
Segment-type 32x4 LCD Driver
GT928 ETC1-GT928 Datasheet
760Kb / 24P
10-Point Capacitive Touch Controller for Large-Screen Mobile Phones
GT9926NW ETC1-GT9926NW Datasheet
468Kb / 10P
Mini size of Discrete semiconductor elements
More results

Similar Description - GT9-16S-2.54DSA05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RG1608P-204 ETC2-RG1608P-204 Datasheet
179Kb / 3P
High Reliability and Excellent Stability at different environmental conditions
logo
SynQor Worldwide Headqu...
PQ60010EGL20 SYNQOR-PQ60010EGL20 Datasheet
534Kb / 13P
Thermal shutdown protects converter from abnormal environmental conditions
PQ60015EGL20 SYNQOR-PQ60015EGL20 Datasheet
599Kb / 13P
Thermal shutdown protects converter from abnormal environmental conditions
PQ60150EKXXX SYNQOR-PQ60150EKXXX Datasheet
844Kb / 15P
Thermal shutdown protects converter from abnormal environmental conditions
logo
Kemet Corporation
F862BC104M310C KEMET-F862BC104M310C Datasheet
928Kb / 2P
F862 Series for Harsh Environmental Conditions Class X2, 310 VAC
F862BC104M310Z KEMET-F862BC104M310Z Datasheet
1Mb / 14P
F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310C KEMET-F862BC104M310C_16 Datasheet
1Mb / 14P
F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F863BC104M310A KEMET-F863BC104M310A Datasheet
1Mb / 15P
F863 Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
logo
PHOENIX CONTACT
FL-ISOLATOR-100-RJ PHOENIX-FL-ISOLATOR-100-RJ Datasheet
65Kb / 4P
Protection against aggressive environmental influences, particularly harsh industrial environments, thanks to coated PCB
logo
Neutrik AG
NA-RC NEUTRIK-NA-RC Datasheet
60Kb / 1P
Protective cover for the NA2-IO-DLINE in harsh stage conditions.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com