Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61000 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS61000
Description  Single- and Dual-Cell Boost Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61000 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS61000_15 Datasheet HTML 9Page - Texas Instruments TPS61000_15 Datasheet HTML 10Page - Texas Instruments TPS61000_15 Datasheet HTML 11Page - Texas Instruments TPS61000_15 Datasheet HTML 12Page - Texas Instruments TPS61000_15 Datasheet HTML 13Page - Texas Instruments TPS61000_15 Datasheet HTML 14Page - Texas Instruments TPS61000_15 Datasheet HTML 15Page - Texas Instruments TPS61000_15 Datasheet HTML 16Page - Texas Instruments TPS61000_15 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TPS61000, TPS61001, TPS61002, TPS61003
TPS61004, TPS61005, TPS61006, TPS61007
www.ti.com
SLVS279D – MARCH 2000 – REVISED AUGUST 2015
Feature Description (continued)
The antiringing switch is turned on by a comparator that monitors the voltage between SW and VOUT. This
voltage indicates when the diode is reverse biased. The ringing on the SW-node is damped to a large degree,
reducing the electromagnetic interference generated by the switching regulator to a great extent.
9.3.6 Adjustable Output Voltage (TPS61000 and TPS61007 Only)
The accuracy of the internal voltage reference, the controller topology, and the accuracy of the external resistor
divider determine the accuracy of the adjustable output voltage versions. The reference voltage has an accuracy
of ±4% over line, load, and temperature. The controller switches between fixed frequency and pulse-skip mode,
depending on load current. This adds an offset to the output voltage that is equivalent to 1% of VO. Using 1%
accurate resistors for the feedback divider, a total accuracy of ±6% can be achieved over the complete
temperature and output current range. The TPS61007 is an improved adjustable output voltage version. Ground
shift in the feedback loop was eliminated by adding a separate ground pin for the feedback resistor divider
(FBGND).
9.4 Device Functional Modes
9.4.1 Power Save Mode
The TPS6100x enters a power-save mode, minimizing switching losses of the converter. In this mode, the
controller only switches if the output voltage trips below a set threshold voltage. It ramps up the output voltage
with one or several pulses, and again goes into the power-save mode once the output voltage exceeds the
threshold voltage.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS61000 TPS61001 TPS61002 TPS61003 TPS61004 TPS61005 TPS61006 TPS61007


Similar Part No. - TPS61000_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Similar Description - TPS61000_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Vishay Siliconix
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Linear Technology
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com