Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61000 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS61000
Description  Single- and Dual-Cell Boost Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61000 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS61000_15 Datasheet HTML 8Page - Texas Instruments TPS61000_15 Datasheet HTML 9Page - Texas Instruments TPS61000_15 Datasheet HTML 10Page - Texas Instruments TPS61000_15 Datasheet HTML 11Page - Texas Instruments TPS61000_15 Datasheet HTML 12Page - Texas Instruments TPS61000_15 Datasheet HTML 13Page - Texas Instruments TPS61000_15 Datasheet HTML 14Page - Texas Instruments TPS61000_15 Datasheet HTML 15Page - Texas Instruments TPS61000_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
TPS61000, TPS61001, TPS61002, TPS61003
TPS61004, TPS61005, TPS61006, TPS61007
SLVS279D – MARCH 2000 – REVISED AUGUST 2015
www.ti.com
9.3 Feature Description
9.3.1 Controller Circuit
The device is based on a current-mode control topology using a constant-frequency pulse-width modulator to
regulate the output voltage. It runs at an oscillator frequency of 500 kHz. The current sense is implemented by
measuring the voltage across the switch. The controller also limits the current through the power switch on a
pulse-by-pulse basis. Care must be taken that the inductor saturation current is higher than the current limit of
the TPS6100x. This prevents the inductor from going into saturation and therefore protects both device and
inductor. The current limit should not become active during normal operating conditions.
The TPS6100x is designed for high efficiency over a wide output current range. Even at light loads the efficiency
stays high because the controller enters a power-save mode, minimizing switching losses of the converter. In this
mode, the controller only switches if the output voltage trips below a set threshold voltage. It ramps up the output
voltage with one or several pulses, and again goes into the power-save mode once the output voltage exceeds
the threshold voltage. The controller enters the power-save mode when the output current drops to levels that
force the discontinuous current mode. It calculates a minimum duty cycle based on input and output voltage and
uses the calculation for the transition out of the power-save mode into continuous current mode.
The control loop must be externally compensated with an R/C/C network connected to the COMP pin. See the
application section for more details on the design of the compensation network.
9.3.2 Device Enable
The device is put into operation when EN is set high. During start-up of the converter the input current from the
battery is limited until the voltage on COMP reaches its operating point. The device is put into a shutdown mode
when EN is set to GND. In this mode, the regulator stops switching and all internal control circuitry including the
low-battery comparator is switched off. The output voltage drops to one diode drop below the input voltage in
shutdown.
9.3.3 Undervoltage Lockout
An undervoltage lockout function prevents the device start-up if the supply voltage on VBAT is lower than
approximately 0.7 V. This undervoltage lockout function is implemented in order to prevent the malfunctioning of
the converter. When in operation and the battery is being discharged, the device automatically enters the
shutdown mode if the voltage on VBAT drops below approximately 0.7 V.
If the EN pin is hardwired to VBAT and if the voltage at VBAT drops temporarily below the UVLO threshold voltage,
the device switches off and does not start up again automatically, even if the supply voltage rises above 0.9 V.
The device starts up again only after a signal change from low to high on EN or if the battery voltage is
completely removed.
9.3.4 Low-Battery Detector Circuit (LBI and LBO)
The low-battery detector circuit is typically used to supervise the battery voltage and to generate an error flag
when the battery voltage drops below a user-set threshold voltage. The function is active only when the device is
enabled. When the device is disabled, the LBO pin is high impedance. The LBO pin goes active low when the
voltage on the LBI pin decreases below the set threshold voltage of 500 mV ±15 mV, which is equal to the
internal reference voltage. The battery voltage, at which the detection circuit switches, can be programmed with a
resistive divider connected to the LBI pin. The resistive divider scales down the battery voltage to a voltage level
of 500 mV, which is then compared to the LBI threshold voltage. The LBI pin has a built-in hysteresis of 10 mV.
See the application section for more details about the programming of the LBI threshold.
If the low-battery detection circuit is not used, the LBI pin should be connected to GND (or to VBAT) and the LBO
pin can be left unconnected. Do not let the LBI pin float.
9.3.5 Low-EMI Switch
The device integrates a circuit which removes the ringing that typically appears on the SW-node when the
converter enters the discontinuous current mode. In this case, the current through the inductor ramps to zero and
the Schottky diode stops conducting. Due to remaining energy that is stored in parasitic components of the
diode, inductor, and switch, a ringing on the SW pin is induced. The integrated antiringing switch clamps this
voltage internally to VBAT and therefore dampens this ringing.
12
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: TPS61000 TPS61001 TPS61002 TPS61003 TPS61004 TPS61005 TPS61006 TPS61007


Similar Part No. - TPS61000_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Similar Description - TPS61000_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Vishay Siliconix
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Linear Technology
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com