Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61000 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS61000
Description  Single- and Dual-Cell Boost Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61000 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61000_15 Datasheet HTML 6Page - Texas Instruments TPS61000_15 Datasheet HTML 7Page - Texas Instruments TPS61000_15 Datasheet HTML 8Page - Texas Instruments TPS61000_15 Datasheet HTML 9Page - Texas Instruments TPS61000_15 Datasheet HTML 10Page - Texas Instruments TPS61000_15 Datasheet HTML 11Page - Texas Instruments TPS61000_15 Datasheet HTML 12Page - Texas Instruments TPS61000_15 Datasheet HTML 13Page - Texas Instruments TPS61000_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
VREF
VBAT
Control Logic
Oscillator
Gate Drive
UVLO
Current Sense
Current Limit
Slope Compensation
Bandgap
Reference
EN
LBI
LBO
GND
COMP
L1
D1
VOUT
CO
CI
SW
Comparator
LBI/LBO
Comparator
Error
Amplifier
Antiringing
Comparator
and Switch
TPS61000, TPS61001, TPS61002, TPS61003
TPS61004, TPS61005, TPS61006, TPS61007
SLVS279D – MARCH 2000 – REVISED AUGUST 2015
www.ti.com
9 Detailed Description
9.1 Overview
The TPS6100x Non-synchronous step-up converter typically operates at a 500-kHz frequency pulse width
modulation (PWM) at moderate to heavy load currents. The converter enters Power Save mode at low load
currents to maintain a high efficiency over a wide load. Additionally, the device integrates a circuit which removes
the ringing that typically appears on the SW-node when the converter enters the discontinuous current mode.
9.2 Functional Block Diagrams
Figure 13. Fixed Output-Voltage Option
10
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: TPS61000 TPS61001 TPS61002 TPS61003 TPS61004 TPS61005 TPS61006 TPS61007


Similar Part No. - TPS61000_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Similar Description - TPS61000_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Vishay Siliconix
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Linear Technology
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com