Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61000 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS61000
Description  Single- and Dual-Cell Boost Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61000 Datasheet(HTML) 2 Page - Texas Instruments

  TPS61000_15 Datasheet HTML 1Page - Texas Instruments TPS61000_15 Datasheet HTML 2Page - Texas Instruments TPS61000_15 Datasheet HTML 3Page - Texas Instruments TPS61000_15 Datasheet HTML 4Page - Texas Instruments TPS61000_15 Datasheet HTML 5Page - Texas Instruments TPS61000_15 Datasheet HTML 6Page - Texas Instruments TPS61000_15 Datasheet HTML 7Page - Texas Instruments TPS61000_15 Datasheet HTML 8Page - Texas Instruments TPS61000_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS61000, TPS61001, TPS61002, TPS61003
TPS61004, TPS61005, TPS61006, TPS61007
SLVS279D – MARCH 2000 – REVISED AUGUST 2015
www.ti.com
Table of Contents
9.4
Device Functional Modes........................................ 13
1
Features .................................................................. 1
10
Application and Implementation........................ 14
2
Applications ........................................................... 1
10.1
Application Information.......................................... 14
3
Description ............................................................. 1
10.2
Typical Application ............................................... 15
4
Revision History..................................................... 2
11
Power Supply Recommendations ..................... 20
5
Available Options................................................... 3
12
Layout................................................................... 20
6
Pin Configuration and Functions ......................... 3
12.1
Layout Guidelines ................................................. 20
7
Specifications......................................................... 4
12.2
Layout Example .................................................... 20
7.1
Absolute Maximum Ratings ...................................... 4
12.3
Thermal Considerations ........................................ 21
7.2
ESD Ratings.............................................................. 4
13
Device and Documentation Support ................. 22
7.3
Recommended Operating Conditions ....................... 4
13.1
Device Support...................................................... 22
7.4
Thermal Information .................................................. 4
13.2
Related Links ........................................................ 22
7.5
Electrical Characteristics........................................... 5
13.3
Community Resources.......................................... 22
7.6
Typical Characteristics .............................................. 7
13.4
Trademarks ........................................................... 22
8
Parameter Measurement Information .................. 9
13.5
Electrostatic Discharge Caution ............................ 22
9
Detailed Description ............................................ 10
13.6
Glossary ................................................................ 22
9.1
Overview ................................................................. 10
14
Mechanical, Packaging, and Orderable
9.2
Functional Block Diagrams ..................................... 10
Information ........................................................... 23
9.3
Feature Description................................................. 12
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (April 2003) to Revision D
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Replaced the Dissipation Ratings table with the Thermal Information table .......................................................................... 4
2
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: TPS61000 TPS61001 TPS61002 TPS61003 TPS61004 TPS61005 TPS61006 TPS61007


Similar Part No. - TPS61000_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Similar Description - TPS61000_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Vishay Siliconix
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Linear Technology
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com