Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M21418 Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # M21418
Description  HD/SD and 3G/HD/SD-SDI Cable Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21418 Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button M21418_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
M21418/M21428
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
10
HD/SD and 3G/HD/SD-SDI Cable Drivers
Rev V6
1.2.3
M21418/M21428 Pin List
Table 1-2.
Interface Pins
Pin Name
Pin #
Function
Default
Type
RSET
5
Input control signal for setting the single-ended output swing amplitude.
Higher output swing levels or reduced variations with a ±1% tolerance external resistor.
For 800mVp–p single-ended, a 750
 ±1% resistor to AVDD is recommended.
Analog Input
Table 1-3.
Power Pins
Pin Name
Pin #
Function
Type
AVSS
3, 8, 15
Chip Ground
Power
AVDD
2, 7
Positive Supply
Power
NC
4
Not Connected. Leave these pins floating. Do not connect to any supply, ground or logic level.
NC
Table 1-4.
High-speed Signal Pins
Pin Name
Pin #
Function
Default
Type
DDI/DDI
16, 1
Non-inverting and Inverting serial externally terminated inputs.
I—High-speed
SDO2/SDO2
11, 10
Non-inverting and inverting serial unterminated data outputs to coaxial cable.
O—High-speed
SDO1/SDO1
13, 12
Non-inverting and inverting serial unterminated data outputs to coaxial cable.
O—High-speed
Table 1-5.
Control Pins
Pin Name
Pin #
Function
Default
Type
MUTE2
6
A high mutes SDO2/SDO2 outputs, low enables SDO2/SDO2.
Pull-up
I—CMOS
MUTE1
14
A high mutes SDO1/SDO1 outputs, low enables SDO1, SDO1.
Pull-down
I—CMOS
SD/HD
9
Input control signal to change the output slew rate.
SD/HD = High: Slow output slew rate for SD-SDI rate (143–540 Mbps).
SD/HD = Low: Fast output slew rate for HD and 3G-SDI rate.
Pull-up
I—CMOS
NOTES:
Internal pull-ups/pull-downs are 100 k
.


Similar Part No. - M21418_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21418 MA-COM-M21418 Datasheet
305Kb / 21P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
More results

Similar Description - M21418_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
212X8-DSH-001-B MA-COM-212X8-DSH-001-B Datasheet
332Kb / 18P
   SD and HD/SD-SDI Digital Video Cable Drivers
logo
Semtech Corporation
GS3470 SEMTECH-GS3470 Datasheet
4Mb / 169P
   3G, HD, SD SDI Receiver
logo
M/A-COM Technology Solu...
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Equalizer
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Driver
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
M21404-13 MA-COM-M21404-13 Datasheet
465Kb / 20P
   SD, HD, and 3G Cable Equalizers
214X4-DSH-001-D MA-COM-214X4-DSH-001-D Datasheet
262Kb / 20P
   SD, HD, and 3G Cable Equalizers
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com