Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M21418 Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # M21418
Description  HD/SD and 3G/HD/SD-SDI Cable Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21418 Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button M21418_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
M21418/M21428
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
8
HD/SD and 3G/HD/SD-SDI Cable Drivers
Rev V6
1.2.2
High-speed Outputs
The M21418/M21428 output buffer is an open collector buffer that is designed for a return loss of 15 dB at SD and
HD rates and 10 dB at 3G rates, using standard through-hole BNC connectors as typically employed in broadcast
video equipment. A typical output matching circuit is shown in Figure 1-3. The Output Return Loss (ORL) is
dependent on many factors such as the value and type of components used, PCB layout, PCB trace lengths, and
type of PCB di-electric, therefore, the recommendations in the figure below should be used as starting guidelines
only. Different output matching network topologies and different component values will result in different ORL
performance.
The M21418/M21428 has SD-SDI and HD-SDI rise/fall times that are typically faster than the legacy cable driver
devices but within the relevant SMPTE specification for additional margin in most designs. The faster output slew
rate results in a more open eye. The actual maximum output of the part depends on the applied IC voltage as well
as the external termination voltage for the load termination. The limitations are discussed in Section 1.1.
Figure 1-3.
Output Matching/Back-termination Circuit (Both Outputs Used)
M21418
M21428
SDO
SDO
AVDD
I DD
75 Ω
75 Ω
I TERM
10 nF
DDTERM
AV
4.7 nH
75 Ω
4.7 uF
BNC
4.7 nH
75 Ω
4.7 uF
BNC


Similar Part No. - M21418_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21418 MA-COM-M21418 Datasheet
305Kb / 21P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
More results

Similar Description - M21418_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
212X8-DSH-001-B MA-COM-212X8-DSH-001-B Datasheet
332Kb / 18P
   SD and HD/SD-SDI Digital Video Cable Drivers
logo
Semtech Corporation
GS3470 SEMTECH-GS3470 Datasheet
4Mb / 169P
   3G, HD, SD SDI Receiver
logo
M/A-COM Technology Solu...
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Equalizer
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Driver
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
M21404-13 MA-COM-M21404-13 Datasheet
465Kb / 20P
   SD, HD, and 3G Cable Equalizers
214X4-DSH-001-D MA-COM-214X4-DSH-001-D Datasheet
262Kb / 20P
   SD, HD, and 3G Cable Equalizers
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com