Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M21418 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # M21418
Description  HD/SD and 3G/HD/SD-SDI Cable Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21418 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button M21418_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M21418_15 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
M21418/M21428
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
7
HD/SD and 3G/HD/SD-SDI Cable Drivers
Rev V6
1.2
Pin Definitions
1.2.1
High-speed Inputs
The M21418/M21428 are designed to be operated with input signals as low as 100 mV or up to 2000 mV
differential peak to peak. The M21418/M21428 uses external 50
 input termination resistors to match 100 
differential impedance transmission lines for improved system level performance. The M21418/M21428
recommended input circuits are shown in Figure 1-1.
Note that AC-coupling is not required when the M21418/M21428 are driven by MACOM Broadcast video devices.
Figure 1-1.
Typical Input Circuit—AC-coupled
M21418
M21428
Tx Device
DDI
DDI
DDO
DDO
100
4.7 μF
4.7 μF
Figure 1-2.
Typical Input Circuit—DC-coupled
M21418
M21428
Tx Device
PCML Output Stage Connected to
Same AVDD as Cable Driver
DDI
DDI
DDO
DDO
100


Similar Part No. - M21418_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21418 MA-COM-M21418 Datasheet
305Kb / 21P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
More results

Similar Description - M21418_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
212X8-DSH-001-B MA-COM-212X8-DSH-001-B Datasheet
332Kb / 18P
   SD and HD/SD-SDI Digital Video Cable Drivers
logo
Semtech Corporation
GS3470 SEMTECH-GS3470 Datasheet
4Mb / 169P
   3G, HD, SD SDI Receiver
logo
M/A-COM Technology Solu...
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Equalizer
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Driver
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
M21404-13 MA-COM-M21404-13 Datasheet
465Kb / 20P
   SD, HD, and 3G Cable Equalizers
214X4-DSH-001-D MA-COM-214X4-DSH-001-D Datasheet
262Kb / 20P
   SD, HD, and 3G Cable Equalizers
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com