Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 25 Page - Texas Instruments

Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 21Page - Texas Instruments TPS65010RGZT Datasheet HTML 22Page - Texas Instruments TPS65010RGZT Datasheet HTML 23Page - Texas Instruments TPS65010RGZT Datasheet HTML 24Page - Texas Instruments TPS65010RGZT Datasheet HTML 25Page - Texas Instruments TPS65010RGZT Datasheet HTML 26Page - Texas Instruments TPS65010RGZT Datasheet HTML 27Page - Texas Instruments TPS65010RGZT Datasheet HTML 28Page - Texas Instruments TPS65010RGZT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
TPS65010
www.ti.com
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
voltage drops below this threshold, the TPS65010 sets the PWRFAIL pin low and after a time t(UVLO) disables the
voltage regulators in the sequence defined by PS_SEQ. The same procedure is followed when the TPS65010
detects that its junction temperature has exceeded the overtemperature threshold, typically 160°C, with a delay
t(overtemp). The TPS65010 automatically restarts when the UVLO (or overtemperature) condition is no longer
present.
The battery charger circuit has a separate UVLO circuit with a threshold of typically 2.5 V, which is compared
with the voltage on AC and USB supply pins.
7.3.5 Power-Up Sequencing
The TPS65010 power-up sequencing is designed to allow the maximum flexibility without generating excessive
logistical or system complexity. The relevant control pins are described in Table 3:
Table 3. Control Pins
INPUT OR
PIN NAME
FUNCTION
OUTPUT
PS_SEQ
I
Input signal indicating power up and down sequence of the switching converters. PS_SEQ = 0
forces the core regulator to ramp up first and down last. PS_SEQ = 1 forces the main regulator to
ramp up first and down last.
DEFCORE
I
Defines the default voltage of the VCORE switching converter. DEFCORE = 0 defaults VCORE
to 1.5 V, DEFCORE = VCC defaults VCORE to 1.6 V.
DEFMAIN
I
Defines the default voltage of the VMAIN switching converter. DEFMAIN = 0 defaults VMAIN to
3.0 V, DEFMAIN = VCC defaults VMAIN to 3.3 V.
LOW_PWR
I
The LOW_PWR pin is used to lower VCORE to the preset voltage in the VDCDC2 register when
the processor is in deep sleep mode. Alternatively VCORE can be disabled in low-power mode if
the LP_COREOFF bit is set in the VDCDC2 register. LOW_PWR is ignored if the ENABLE LP bit
is not set in the VDCDC1 register. The TPS65010 uses the rising edge of the internal signal
formed by a logical AND of LOW_PWR and ENABLE LP to enter low-power mode. TPS65010 is
forced out of low-power mode by de-asserting LOW_PWR, by resetting ENABLE LP to 0, by
activating the PB_ONOFF pin or by activating the HOT_RESET pin. There are two ways to get
the device back into low-power mode: a) toggle the LOW_PWR pin, or b) toggle the low-power
bit when the LOW_PWR pin is held high.
PB_ONOFF
I
PB_ONOFF can be used to exit the low-power mode and return the core voltage to the value
before low-power mode was entered. If PB_ONOFF is used to exit the low-power mode, then the
low-power mode can be reentered by toggling the LOW_PWR pin or by toggling the low power
bit when the LOW_PWR pin is held high. A 1-M
Ω pulldown resistor is integrated in TPS65010.
PB_ONOFF is internally de-bounced by the TPS65010. A maskable interrupt is generated when
PB_ONOFF is activated.
HOT_RESET
I
The HOT_RESET pin has a very similar functionality to the PB_ONOFF pin. In addition it
generates a reset (MPU_RESET) for the MPU when the VCORE voltage is in regulation.
HOT_RESET does not alter any TPS65010 settings unless low-powermode was active in which
case it is exited. A 1-M
Ω pullup resistor to VCC is integrated in TPS65010. HOT_RESET is
internally de-bounced by the TPS65010.
BATT_COVER
I
The BATT_COVER pin is used as an early warning that the main battery is about to be removed.
BATT_COVER = VCC indicates that the cover is in place, BATT_COVER = 0 indicates that the
cover is not in place. TPS65010 generates a maskable interrupt when the BATT_COVER pin
goes low. PWRFAIL is also held low when BATT_COVER goes low. This feature may be
disabled, by tying BATT_COVER permanently to VCC. The TPS65010 shuts down the main and
the core converters, and sets the LDOs into low-powermode. A 2-M
Ω pulldown resistor is
integrated in the TPS65010 at the BATT_COVER pin. BATT_COVER is internally de-bounced by
the TPS65010.
RESPWRON
O
RESPWRON is held low while the switching converters (and any LDO's defined as default on)
are starting up. It is determined by the state of LDO1's output voltage; when this is good then
RESPWRON is high, when VLDO1 is low then RESPWRON is low. RESPWRON is held low for
tn(RESPWRON) sec after VLDO1 has settled.
MPU_RESET
O
MPU_RESET can be used to reset the processor if the user activates theHOT_RESET button.
The MPU_RESET output is active for t(MPU_nRESET) sec. It also forces TPS65010 to leave low-
powermode. MPU_RESET is also held low as long as RESPWRON is held low.
PWRFAIL
O
PWRFAIL indicates when VCC < V(UVLO), when the TPS65010 is about to shut down due to an
internal overtemperature condition or when BATT_COVER is low. PWRFAIL is also held low as
long as RESPWRON is held low.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com