Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 11Page - Texas Instruments TPS65010RGZT Datasheet HTML 12Page - Texas Instruments TPS65010RGZT Datasheet HTML 13Page - Texas Instruments TPS65010RGZT Datasheet HTML 14Page - Texas Instruments TPS65010RGZT Datasheet HTML 15Page - Texas Instruments TPS65010RGZT Datasheet HTML 16Page - Texas Instruments TPS65010RGZT Datasheet HTML 17Page - Texas Instruments TPS65010RGZT Datasheet HTML 18Page - Texas Instruments TPS65010RGZT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 63 page
background image
CH4 = IO
VI = 3.8 V, VI LDO = 3.3 V,
VO = 1.8 V, IL = 2 mA to 180 mA,
TA = 25°C
CH2 = VO
100
s/div
µ
CH4 = IO
CH2 =VO
VI = 3.8 V, VI LDO = 3.3 V,
VO = 2.8 V, IL = 2 mA to 180 mA,
TA = 25°C
100
s/div
µ
CH4 = IO
CH2 = VO
VI = 3.8 V, VO = 3.3 V,
IL = 100 mA to 1000 mA,
TA = 25°C
100
s/div
µ
CH4 = IO
CH2 = VO
VI = 3.8 V, VO = 1.6 V,
IL = 40 mA to 400 mA,
TA = 25°C
100
s/div
µ
VI = 3.3 to 3.8 V, VO = 1.8 V,
RL = 100 mA to 1000 mA,
TA = 25°C
CH2 = VO
CH1 = VI
500
s/div
µ
VI = 3.3 to 3.8 V, VO = 2.8 V,
IL = 100 mA, TA = 25°C
CH2 = VO
CH1 = VI
500
s/div
m
TPS65010
www.ti.com
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
Figure 13. Line Transient Response (LDO1)
Figure 14. Line Transient Response (LDO2)
Figure 15. Line Transient Response (CORE)
Figure 16. Line Transient Response (MAIN)
Figure 17. Line Transient Response (LDO1)
Figure 18. Line Transient Response (LDO2)
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com