Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 8Page - Texas Instruments TPS65010RGZT Datasheet HTML 9Page - Texas Instruments TPS65010RGZT Datasheet HTML 10Page - Texas Instruments TPS65010RGZT Datasheet HTML 11Page - Texas Instruments TPS65010RGZT Datasheet HTML 12Page - Texas Instruments TPS65010RGZT Datasheet HTML 13Page - Texas Instruments TPS65010RGZT Datasheet HTML 14Page - Texas Instruments TPS65010RGZT Datasheet HTML 15Page - Texas Instruments TPS65010RGZT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
TPS65010
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
www.ti.com
6.8 Dissipation Ratings
See
(1).
AMBIENT TEMPERATURE
MAX POWER DISSIPATION FOR Tj= 125°C
(2)
DERATING FACTOR ABOVE TA = 55°C
25°C
3 W
30 mW/°C
55°C
2.1 W
30 mW/°C
(1)
The TPS65010 is housed in a 48-pin QFN package with exposed leadframe on the underside. This 7 mm × 7 mm package exhibits a
thermal impedance (junction-to-ambient) of 33 K/W when mounted on a JEDEC high-k board.
(2)
Consideration needs to be given to the maximum charge current when the assembled application board exhibits a thermal impedance
which differs significantly from the JEDEC high-k board.
6.9 Typical Characteristics
Table 1. Table of Graphs
FIGURE
Figure 1,
Figure 2,
Efficiency
vs Output current
Figure 3,
Figure 4
Quiescent current
vs Input voltage
Figure 5
Switching frequency
vs Temperature
Figure 6
Figure 7,
Output voltage
vs Output current
Figure 8
LDO1 Output voltage
vs Output current
Figure 9
LDO2 Output voltage
vs Output current
Figure 10
Line transient response (main)
Figure 11
Line transient response (core)
Figure 12
Line transient response (LDO1)
Figure 13
Line transient response (LDO2)
Figure 14
Load transient response (main)
Figure 15
Load transient response (core)
Figure 16
Load transient response (LDO1)
Figure 17
Load transient response (LDO2)
Figure 18
Output Voltage Ripple (PFM)
Figure 19
Output Voltage Ripple (PWM)
Figure 20
Startup timing
Figure 21
Figure 22,
Dropout voltage
vs Output current
Figure 23
PSRR (LDO1 and LDO2)
vs Frequency
Figure 24
12
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com