Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 3Page - Texas Instruments TPS65010RGZT Datasheet HTML 4Page - Texas Instruments TPS65010RGZT Datasheet HTML 5Page - Texas Instruments TPS65010RGZT Datasheet HTML 6Page - Texas Instruments TPS65010RGZT Datasheet HTML 7Page - Texas Instruments TPS65010RGZT Datasheet HTML 8Page - Texas Instruments TPS65010RGZT Datasheet HTML 9Page - Texas Instruments TPS65010RGZT Datasheet HTML 10Page - Texas Instruments TPS65010RGZT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
TPS65010
www.ti.com
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
Electrical Characteristics (continued)
VI(MAIN) = VI(CORE) = VCC = VI(LDO1) = VI(LDO2) = 3.6 V, TA = -40°C to 85°C, typical values are at TA = 25°C battery charger
specifications are valid in the range 0°C < TA < 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Time between UVLO going active
td(uvlo)
(PWRFAIL going low) and supplies being
1.68
2.4
3.2
ms
disabled
Time between chip overtemperature
td(overtemp)
condition being recognized (PWRFAIL
1.68
2.4
3.2
ms
going low) and supplies being disabled
SUPPLY PIN: VCC
I(Q)
Operating quiescent current
VI = 3.6 V, current into Main + Core + VCC
58
µA
VI = 3.6 V, BATT_COVER = GND,
IO(SD)
Shutdown supply current
15
25
µA
Current into Main + Core + VCC
VMAIN STEP-DOWN CONVERTER
VI
Input voltage range
2.5
6.0
V
IO
Maximum output current
1000
mA
IO(SD)
Shutdown supply current
BATT_COVER = GND
0.1
1
µA
rDS(on)
P-channel MOSFET on-resistance
VI(MAIN) = VGS = 3.6 V
110
210
m
Ilkg(p)
P-channel leakage current
V(DS) = 6.0 V
1
µA
rDS(on)
N-channel MOSFET on-resistance
VI(MAIN) = VGS = 3.6 V
110
200
m
Ilkg(N)
N-channel leakage current
V(DS) = 6.0 V
1
µA
IL
P-channel current limit
2.5 V< VI(MAIN) < 6.0 V
1.4
1.75
2.1
A
fS
Oscillator frequency
1
1.25
1.5
MHz
VI(MAIN) = 2.7 V to 6.0 V; IO = 0 mA
0%
3%
2.5 V
VI(MAIN) = 2.7 V to 6.0 V;
3%
3%
0 mA
≤ IO ≤ 1000 mA
VI(MAIN) = 2.95 V to 6.0 V; IO = 0 mA
0%
3%
2.75 V
VI(MAIN) = 2.95 V to 6.0 V;
3%
3%
0 mA
≤ IO ≤ 1000 mA
VO(MAIN)
Fixed output voltage
VI(MAIN) = 3.2 V to 6.0 V; IO = 0 mA
0%
3%
3.0 V
VI(MAIN) = 3.2 V to 6.0 V;
3%
3%
0 mA
≤ IO ≤ 1000 mA
VI(MAIN) = 3.5 V to 6.0 V; IO= 0 mA
0%
3%
3.3 V
VI(MAIN) = 3.5 V to 6.0 V;
3%
3%
0 mA
≤ IO ≤ 1000 mA
VI(MAIN) = VO(MAIN) + 0.5 V (min. 2.5 V) to
Line regulation
0.5
%/V
6.0 V, IO = 10 mA
Load regulation
IO = 10 mA to 1000 mA
0.12
%/A
R(VMAIN)
VMAIN discharge resistance
400
VCORE STEP-DOWN CONVERTER
VI
Input voltage range
2.5
6.0
V
IO
Maximum output current
400
mA
IO(SD)
Shutdown supply current
BATT_COVER = GND
0.1
1
µA
rDS(on)
P-channel MOSFET on-resistance
VI(CORE) = VGS = 3.6 V
275
530
m
Ilkg(p)
P-channel leakage current
VDS = 6.0 V
0.1
1
µA
rDS(on)
N-channel MOSFET on-resistance
VI(CORE) = VGS = 3.6 V
275
500
m
Ilkg(N)
N-channel leakage current
VDS = 6.0 V
0.1
1
µA
IL
P-channel current limit
2.5 V< VI(CORE) < 6.0 V
600
700
900
mA
fS
Oscillator frequency
1
1.25
1.5
MHz
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com