Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 2Page - Texas Instruments TPS65010RGZT Datasheet HTML 3Page - Texas Instruments TPS65010RGZT Datasheet HTML 4Page - Texas Instruments TPS65010RGZT Datasheet HTML 5Page - Texas Instruments TPS65010RGZT Datasheet HTML 6Page - Texas Instruments TPS65010RGZT Datasheet HTML 7Page - Texas Instruments TPS65010RGZT Datasheet HTML 8Page - Texas Instruments TPS65010RGZT Datasheet HTML 9Page - Texas Instruments TPS65010RGZT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
TPS65010
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
www.ti.com
Recommended Operating Conditions (continued)
MIN
NOM
MAX
UNIT
L(L2)
Inductor at L2 (1)
10
µH
CO(2)
Output capacitor at VCORE (1)
10
µF
CI(1-2)
Input capacitor at VINLDO1, VINLDO2 (1)
1
µF
CO(1-2)
Output capacitor at VLDO1-2 (1)
2.2
µF
IO(LDO1,2)
Maximum output current at VLDO1,2
200
mA
TA
Operating ambient temperature
-40
85
°C
TJ
Operating junction temperature
-40
125
°C
Resistor from VI(main),VI(core) to VCC used for
R(CC)
10
100
filtering, CI(VCC) = 1 µF
6.4 Thermal Information
TPS65010
THERMAL METRIC(1)
RGZ (VQFN)
UNIT
48 PIN
RθJA
Junction-to-ambient thermal resistance
27.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
14.3
°C/W
RθJB
Junction-to-board thermal resistance
4.6
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
4.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
VI(MAIN) = VI(CORE) = VCC = VI(LDO1) = VI(LDO2) = 3.6 V, TA = -40°C to 85°C, typical values are at TA = 25°C battery charger
specifications are valid in the range 0°C < TA < 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CONTROL SIGNALS: LOW_PWR, SCLK, SDAT (INPUT)
VIH
High level input voltage
IIH = 20 µA
(1)
2
VCC
V
VIL
Low level input voltage
IIL = 10 µA
0
0.8
V
IIB
Input bias current
0.01
1.0
µA
CONTROL SIGNALS: PB_ONOFF, HOT_RESET, BATT_COVER
VIH
High level input voltage
IIH = 20 µA
(1)
0.8 VCC
6
V
VIL
Low level input voltage
IIL = 10 µA
0
0.4
V
R(pb_onoff)
Pulldown resistor at PB_ONOFF
1000
k
Pullup resistor at HOT_RESET,
R(hot_reset)
1000
k
connected to VCC
R(batt_cover)
Pulldown resistor at BATT_COVER
2000
k
t(glitch)
De-glitch time at all 3 pins
38
56
77
ms
Delay after t(glitch) (PWRFAIL goes low)
t(batt_cover)
before supplies are disabled when
1.68
2.4
3.2
ms
BATT_COVER goes low.
CONTROL SIGNALS: MPU_RESET, PWRFAIL, RESPWRON, INT, SDAT (OUTPUT)
VOH
High level output voltage
6
V
VOL
Low level output voltage
IIL = 10 mA
0
0.3
V
td(mpu_nreset)
Duration of low pulse at MPU_RESET
100
µs
td(nrespwron)
Duration of low pulse at RESPWRON after
CHGCONFIG<7> = 0(Default)
800
1000
1200
ms
VLDO1 is in regulation
CHGCONFIG<7> = 1
49
69
89
(1)
If the input voltage is higher than VCC, an additional input current, limited by an internal 10-k resister, flows.
6
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com