Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 50 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 46Page - Texas Instruments TPS65010RGZT Datasheet HTML 47Page - Texas Instruments TPS65010RGZT Datasheet HTML 48Page - Texas Instruments TPS65010RGZT Datasheet HTML 49Page - Texas Instruments TPS65010RGZT Datasheet HTML 50Page - Texas Instruments TPS65010RGZT Datasheet HTML 51Page - Texas Instruments TPS65010RGZT Datasheet HTML 52Page - Texas Instruments TPS65010RGZT Datasheet HTML 53Page - Texas Instruments TPS65010RGZT Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 63 page
background image
O
I
O
O
O
V
1
V
1
V
V
ESR
L ƒ
8 C
ƒ
-
æ
ö
D
=
´
´
+
ç
÷
´
´
´
è
ø
O
I
RMSC(out)
O
V
1
V
1
I
V
L ƒ
2
3
-
=
´
´
´
´
TPS65010
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
www.ti.com
8.2.1.2.2
Output Capacitor Selection
The advanced fast response voltage mode control scheme of the inductive converters implemented in the
TPS65010 allow the use of small ceramic capacitors with a typical value of 22 µF for the main converter and 10
µF for the core converter without having large output voltage under and overshoots during heavy load transients.
Ceramic capacitors having low ESR values have the lowest output voltage ripple and are recommended. If
required tantalum capacitors with an ESR < 100
ΩR may be used as well.
Refer to Table 30 for recommended components.
If ceramic output capacitors are used, the capacitor RMS ripple current rating always meet the application
requirements. Just for completeness the RMS ripple current is calculated as:
(5)
At nominal load current, the inductive converters operate in PWM mode and the overall output voltage ripple is
the sum of the voltage spike caused by the output capacitor ESR plus the voltage ripple caused by charging and
discharging the output capacitor:
(6)
Where the highest output voltage ripple occurs at the highest input voltage VI.
At light load currents, the converters operate in power save mode and the output voltage ripple is independent of
the output capacitor value. The output voltage ripple is set by the internal comparator thresholds. The typical
output voltage ripple is 1% of the nominal output voltage. If the output voltage for the core converter is
programmed to its lowest voltage of 0.85 V, the output capacitor must be increased to 22 µF for low output
voltage ripple. This is because the current in the inductor decreases slowly during the off-time and further
increases the output voltage even when the PMOS is off. This effect increases with low output voltages.
8.2.1.2.3
Input Capacitor Selection
Because of the nature of the buck converter, having a pulsating input current a low ESR input capacitor is
required for best input voltage filtering and minimizing the interference with other circuits caused by high input
voltage spikes. The main converter needs a 22-µF ceramic input capacitor and the core converter a 10-µF
ceramic capacitor. The input capacitor for the main and the core converter can be combined and one 22-µF
capacitor can be used instead, because the two converters operate with a phase shift of 270 degrees. The input
capacitor can be increased without any limit for better input voltage filtering. The VCC pin must be separated
from the input for the main and the core converter. A filter resistor of up to 100R and a 1-µF capacitor is used for
decoupling the VCC pin from switching noise.
Table 30. Possible Capacitors
CAPACITOR VALUE
CASE SIZE
COMPONENT SUPPLIER
COMMENTS
22 µF
1206
TDK C3216X5R0J226M
Ceramic
22 µF
1206
Taiyo Yuden JMK316BJ226ML
Ceramic
22 µF
1210
Taiyo Yuden JMK325BJ226MM
Ceramic
50
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com