Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 5 Page - Texas Instruments

  TPS65010RGZT Datasheet HTML 1Page - Texas Instruments TPS65010RGZT Datasheet HTML 2Page - Texas Instruments TPS65010RGZT Datasheet HTML 3Page - Texas Instruments TPS65010RGZT Datasheet HTML 4Page - Texas Instruments TPS65010RGZT Datasheet HTML 5Page - Texas Instruments TPS65010RGZT Datasheet HTML 6Page - Texas Instruments TPS65010RGZT Datasheet HTML 7Page - Texas Instruments TPS65010RGZT Datasheet HTML 8Page - Texas Instruments TPS65010RGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
TPS65010
www.ti.com
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range unless otherwise noted
(1) (2)
MIN
MAX
UNIT
Input voltage on VAC pin with respect to AGND
20
V
Input voltage range on all other pins except AGND/PGND pins with respect to AGND
–0.3
7
V
HBM and CBM capabilities at pins VIB, PG, and LED2
1
kV
Current at AC, VBAT, VINMAIN, L1, PGND1
1800
mA
Peak current at all other pins
1000
mA
See Dissipation
Continuous power dissipation
Ratings
Operating free-air temperature, TA
–40
85
°C
Maximum junction temperature, TJ
125
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The TPS65012 is housed in a 48-pin QFN PowerPAD™ package with exposed leadframe on the underside.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
1000
V
V(ESD)
Electrostatic discharge
Charged device model (CDM), per JEDEC specification JESD22-C101,
1000
V
all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
V(AC)
Supply voltage from AC adapter
4.5
5.5
V
V(USB)
Supply voltage from USB
4.4
5.25
V
V(BAT)
Voltage at battery charger
2.5
4.2
V
CI(AC)
Input capacitor at AC input
1
µF
CI(USB)
Input capacitor at USB input
1
µF
CI(BAT)
Input capacitor at VBAT output
0.1
µF
VI(MAIN),VI(CORE),VCC
Input voltage range step-down convertors
2.5
6.0
V
Output voltage range for main step-down
VO(MAIN)
2.5
3.3
V
convertor
Output voltage range for core step-down
VI(CORE)
0.85
1.6
convertor
VI(LDO1), VI(LDO2)
Input voltage range for LDOs
1.8
6.5
V
VO(LDO1-2)
Output voltage range for LDOs
0.9
VI(LDO1-2)
V
IO(L1)
Maximum output current at L1
1000
mA
L(L1)
Inductor at L1 (1)
6.8
µH
CI(VCC)
Input capacitor at VCC(1)
1
µF
CI(MAIN)
Input capacitor at VINMAIN (1)
22
µF
CI(CORE)
Input capacitor at VINCORE (1)
10
µF
CO(1)
Output capacitor at VMAIN (1)
22
µF
IO(L2)
Maximum output current at L2
400
mA
(1)
See Application and Implementation section for more information
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com