Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 49 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 45Page - Texas Instruments TPS65010RGZT Datasheet HTML 46Page - Texas Instruments TPS65010RGZT Datasheet HTML 47Page - Texas Instruments TPS65010RGZT Datasheet HTML 48Page - Texas Instruments TPS65010RGZT Datasheet HTML 49Page - Texas Instruments TPS65010RGZT Datasheet HTML 50Page - Texas Instruments TPS65010RGZT Datasheet HTML 51Page - Texas Instruments TPS65010RGZT Datasheet HTML 52Page - Texas Instruments TPS65010RGZT Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
L
L(max)
O(max)
I
I
I
2
D
=
+
O
I
L
O
V
1
V
I
V
L ƒ
-
D =
´
´
TPS65010
www.ti.com
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
Typical Applications (continued)
8.2.1.1 Design Requirements
Each DC/DC converter requires an external inductor and filter capacitor, capable of sustain the intended current
with an acceptable voltage ripple. LDOs must have external filter capacitors, and LDO1 requires an external
feedback network for regulation. Every input supply rail requires a decoupling capacitor close to the pin, and to
avoid unintended states, logic inputs without internal resistors must not be left floating.
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Inductor Selection for the Main and the Core Converter
The main and the core converters in the TPS65010 typically use a 6.2-µH and a 10-µH output inductor
respectively. Larger or smaller inductor values can be used to optimize the performance of the device for specific
operation conditions. The selected inductor has to be rated for its dc resistance and saturation current. The dc
resistance of the inductance influences directly the efficiency of the converter. Therefore, an inductor with lowest
dc resistance is selected for highest efficiency.
Equation 3 calculates the maximum inductor current under static load conditions. The saturation current of the
inductor must be rated higher than the maximum inductor current as calculated with Equation 3. This is needed
because during heavy load transient, the inductor current rises above the value calculated under Equation 3.
(3)
where
f = Switching Frequency (1.25 MHz typical)
L = Inductor Value
ΔIL= Peak-to-peak inductor ripple current
ILmax = Maximum inductor current
(4)
The highest inductor current occurs at maximum VI.
Open core inductors have a soft saturation characteristic and they can usually handle higher inductor currents
versus a comparable shielded inductor.
A more conservative approach is to select the inductor current rating just for the maximum switch current of the
TPS65010 (2 A for the main converter and 0.8 A for the core converter). Keep in mind that the core material from
inductor to inductor differs and has an impact on the efficiency especially at high switching frequencies.
Refer to Table 29 and the typical applications for possible inductors
Table 29. Tested Inductors
DEVICE
INDUCTOR VALUE
DIMENSIONS
COMPONENT SUPPLIER
10 µH
6,0 mm × 6,0 mm × 2,0 mm
Sumida CDRH5D18-100
Core converter
10 µH
5,0 mm × 5,0 mm × 3.0 mm
Sumida CDRH4D28-100
4.7 µH
5,5 mm × 6,6 mm*1.0 mm
Coilcraft LPO1704-472M
4.7 µH
5,0 mm × 5,0 mm × 3.0 mm
Sumida CDRH4D28C-4.7
4.7 µH
5,2 mm × 5.2 mm × 2.5 mm
Coiltronics SD25-4R7
Main converter
5.3 µH
5,7 mm × 5.7 mm × 3.0 mm
Sumida CDRH5D28-5R3
6.2 µH
5,7 mm × 5.7 mm × 3.0 mm
Sumida CDRH5D28-6R2
6.0 µH
7.0 mm × 7.0 mm × 3.0 mm
Sumida CDRH6D28-6R0
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com