Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 48 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 44Page - Texas Instruments TPS65010RGZT Datasheet HTML 45Page - Texas Instruments TPS65010RGZT Datasheet HTML 46Page - Texas Instruments TPS65010RGZT Datasheet HTML 47Page - Texas Instruments TPS65010RGZT Datasheet HTML 48Page - Texas Instruments TPS65010RGZT Datasheet HTML 49Page - Texas Instruments TPS65010RGZT Datasheet HTML 50Page - Texas Instruments TPS65010RGZT Datasheet HTML 51Page - Texas Instruments TPS65010RGZT Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
SCL
SDA
VBAT
ISET
PG
AC Adapter
USB port
SCLK
SDAT
TS
VINMAIN
L1
VMAIN
VINCORE
L2
VCORE
VLDO1
VLDO2
AGND
PGND
INT
AC
USB
BATT−
BATT+
TEMP
CHARGER/REG INTERRUPT
CHARGER
POWER GOOD
VCORE 1.5 V
VMAIN 3.3 V
IFLSB
GND/VCC
nPOR
RESET to MPU
VFB_LDO1
LED2
VIB
GPIO4
VCC
RESPWRON
MPU_RESET
PWRFAIL
Battery Fail, Battery Cover
Removed, Over Temp.
TPS65010
GND
SCL
SDA
VBAT
ISET
PG
AC Adapter
USB port
SCLK
SDAT
TS
VINMAIN
L1
VMAIN
VINCORE
L2
VCORE
VINLDO1
VLDO1
VINLDO2
VLDO2
LOW_PWR
AGND
PGND
INT
AC
USB
BATT−
BATT+
TEMP
CHARGER/REG INTERRUPT
CHARGER
POWER GOOD
VCORE 1.5 V
VMAIN 3.3 V
VMAIN
DEFCORE
GND
IFLSB
GND/VCC
DEFMAIN
BATT_COVER
PB_ONOFF
nPOR
RESET to MPU
VFB_LDO1
LED2
VIB
GPIO1
GPIO2
GPIO3
GPIO4
VCC
PS_SEQ
GND
HOT_RESET
RESPWRON
MPU_RESET
PWRFAIL
Battery Fail, Battery Cover
Removed, Over Temp.
TPS65010
22 mF
X5R
10 mF
X5R
10 mH
6.2 mH
22 mF
X5R
1 mF
X5R
10 R
2.2 mF
X5R
2.2 mF
X5R
1M Each
1 mF
X5R
VBAT
VBAT
VBAT
VBAT
VBAT
VBAT
1 mF
X5R
1 mF
X5R
VMAIN
0.1 mF
1 mF
1 mF
TPS65010
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
www.ti.com
8.2 Typical Applications
8.2.1 TPS65010 Typical Application
Figure 42. Typical Application Circuit
48
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com