Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010RGZT Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65010RGZT
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010RGZT Datasheet(HTML) 45 Page - Texas Instruments

Back Button TPS65010RGZT Datasheet HTML 41Page - Texas Instruments TPS65010RGZT Datasheet HTML 42Page - Texas Instruments TPS65010RGZT Datasheet HTML 43Page - Texas Instruments TPS65010RGZT Datasheet HTML 44Page - Texas Instruments TPS65010RGZT Datasheet HTML 45Page - Texas Instruments TPS65010RGZT Datasheet HTML 46Page - Texas Instruments TPS65010RGZT Datasheet HTML 47Page - Texas Instruments TPS65010RGZT Datasheet HTML 48Page - Texas Instruments TPS65010RGZT Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
TPS65010
www.ti.com
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
Table 26. LDO1 Enable and LDO1 OFF/nSLP Functions (continued)
LDO1 ENABLE
LDO1 OFF / nSLP
LDO STATUS IN NORMAL MODE
LDO STATUS IN LOW-POWER MODE
1
0
ON, full power
ON, reduced power / performance
1
1
ON, full power
OFF
Bit 1-Bit 0 - LDO1<1:0>: The LDO1 output voltage is per default set externally. If so desired, this can be changed
through the serial interface.
Table 27. LDO1 Settings
LDO11
LDO10
VLDO1
0
0
ADJ
0
1
2.5 V
1
0
2.75 V
1
1
3.0 V
7.6.15 MASK3 Register (Address: 0Fh—Reset: 00h)
MASK3 Register
MASK3
B7
B6
B5
B4
B3
B2
B1
B0
Edge trigger
Edge trigger
Edge trigger
Edge trigger
Bit name
Mask GPIO4
Mask GPIO3
Mask GPIO2
Mask GPIO1
GPIO4
GPIO3
GPIO2
GPIO1
Default
0
0
0
0
0
0
0
0
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The MASK3 register must be considered when any of the GPIO pins are programmed as inputs.
Bit 7-Bit 4 - Edge trigger GPIO<4:1>: determine whether the respective GPIO generates an interrupt at a rising or
a falling edge.
0 = falling edge triggered.
1 = rising edge triggered.
Bit 3-Bit 0 - Mask GPIO<4:1>: can be used to mask the corresponding interrupt. Default is unmasked
(MASK3<0:3> =0).
7.6.16
DEFGPIO Register Address: (10h—Reset: 00h)
Table 28. DEFGPIO Register
DEFGPIO
B7
B6
B5
B4
B3
B2
B1
B0
Bit name
IO4
IO3
IO2
IO1
Value GPIO4
Value GPIO3
Value GPIO2
Value GPIO1
Default
0
0
0
0
0
0
0
0
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The DEFGPIO register is used to define the GPIO pins to be either input or output.
Bit 7-Bit 4 - IO<4:1>:
0 = sets the corresponding GPIO to be an input.
1 = sets the corresponding GPIO to be an output.
Bit 3-Bit 0 - Value GPIO<4:1>: If a GPIO is programmed to be an output, then the signal output is determined by
the corresponding bit. The output circuit for each GPIO is an open-drain NMOS requiring an external pullup
resistor.
1 = activates the relevant NMOS, hence forcing a logic low signal at the GPIO pin.
0 = turns the open-drain transistor OFF, hence the voltage at the GPIO pin is determined by the voltage to
which the pullup resistor is connected.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: TPS65010


Similar Part No. - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com